Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16C62X Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC16C62X
Description  EPROM-Based 8-Bit CMOS Microcontrollers
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C62X Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC16C62X_03 Datasheet HTML 4Page - Microchip Technology PIC16C62X_03 Datasheet HTML 5Page - Microchip Technology PIC16C62X_03 Datasheet HTML 6Page - Microchip Technology PIC16C62X_03 Datasheet HTML 7Page - Microchip Technology PIC16C62X_03 Datasheet HTML 8Page - Microchip Technology PIC16C62X_03 Datasheet HTML 9Page - Microchip Technology PIC16C62X_03 Datasheet HTML 10Page - Microchip Technology PIC16C62X_03 Datasheet HTML 11Page - Microchip Technology PIC16C62X_03 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 128 page
background image
PIC16C62X
DS30235J-page 6
 2003 Microchip Technology Inc.
TABLE 1-1:
PIC16C62X FAMILY OF DEVICES
PIC16C620(3) PIC16C620A(1)(4) PIC16CR620A(2) PIC16C621(3) PIC16C621A(1)(4) PIC16C622(3) PIC16C622A(1)(4)
Clock
Maximum Frequency
of Operation (MHz)
20
40
20
20
40
20
40
Memory
EPROM Program
Memory
(x14 words)
512
512
512
1K
1K
2K
2K
Data Memory (bytes) 80
96
96
80
96
128
128
Peripherals Timer Module(s)
TMR0
TMR0
TMRO
TMR0
TMR0
TMR0
TMR0
Comparators(s)
2
2
2
2
2
2
2
Internal Reference
Voltage
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Features
Interrupt Sources
4
4
4
4
4
4
4
I/O Pins
13
13
13
13
13
13
13
Voltage Range (Volts) 2.5-6.0
2.7-5.5
2.5-5.5
2.5-6.0
2.7-5.5
2.5-6.0
2.7-5.5
Brown-out Reset
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Packages
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
All PICmicro® Family devices have Power-on Reset, selectable Watchdog Timer, selectable code protect and high
I/O current capability. All PIC16C62X Family devices use serial programming with clock pin RB6 and data pin RB7.
Note 1: If you change from this device to another device, please verify oscillator characteristics in your application.
2: For ROM parts, operation from 2.0V - 2.5V will require the PIC16LCR62XA parts.
3: For OTP parts, operation from 2.5V - 3.0V will require the PIC16LC62X part.
4: For OTP parts, operation from 2.7V - 3.0V will require the PIC16LC62XA part.


Similar Part No. - PIC16C62X_03

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C62X MICROCHIP-PIC16C62X Datasheet
645Kb / 108P
   EPROM-Based 8-Bit CMOS Microcontroller
1998
PIC16C62X MICROCHIP-PIC16C62X Datasheet
3Mb / 128P
   EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
More results

Similar Description - PIC16C62X_03

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C55X MICROCHIP-PIC16C55X_13 Datasheet
1Mb / 108P
   EPROM-Based 8-Bit CMOS Microcontrollers
1/29/12 1996-2013
PIC16C622A-04I-P MICROCHIP-PIC16C622A-04I-P Datasheet
3Mb / 128P
   EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
PIC16LC558-04-SS MICROCHIP-PIC16LC558-04-SS Datasheet
1Mb / 108P
   EPROM-Based 8-Bit CMOS Microcontrollers
11/29/12
PIC16C62B-04 MICROCHIP-PIC16C62B-04 Datasheet
3Mb / 128P
   EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
   EPROM-Based 8-Bit CMOS Microcontroller
1997
logo
List of Unclassifed Man...
MTU8B54E ETC1-MTU8B54E Datasheet
286Kb / 23P
   EPROM-Based 8-Bit CMOS Microcontroller
logo
Microchip Technology
PIC16C62X MICROCHIP-PIC16C62X Datasheet
645Kb / 108P
   EPROM-Based 8-Bit CMOS Microcontroller
1998
PIC17C75X MICROCHIP-PIC17C75X Datasheet
2Mb / 320P
   High-Performance 8-Bit CMOS EPROM Microcontrollers
1997 - 1999
PIC16F627A MICROCHIP-PIC16F627A Datasheet
3Mb / 168P
   FLASH-Based 8-Bit CMOS Microcontrollers
2002
PIC16LV5X MICROCHIP-PIC16LV5X Datasheet
132Kb / 24P
   EPROM-Based 8-Bit CMOS Microcontroller Series
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com