Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP2140A Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP2140A
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140A Datasheet(HTML) 2 Page - Microchip Technology

  MCP2140A Datasheet HTML 1Page - Microchip Technology MCP2140A Datasheet HTML 2Page - Microchip Technology MCP2140A Datasheet HTML 3Page - Microchip Technology MCP2140A Datasheet HTML 4Page - Microchip Technology MCP2140A Datasheet HTML 5Page - Microchip Technology MCP2140A Datasheet HTML 6Page - Microchip Technology MCP2140A Datasheet HTML 7Page - Microchip Technology MCP2140A Datasheet HTML 8Page - Microchip Technology MCP2140A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
MCP2140A
DS22050A-page 2
© 2007 Microchip Technology Inc.
MCP2140A System Block Diagram
Encode
Decode
TX
TXIR
RX
I/O
MCP2140A
PIC®
SO
SI
Baud Rate
Generator
UART
Control
Logic
RXPD
RXPDREF
+
-
RTS
CTS
DSR
DTR
CD
RI
PHACT
I/O
I/O
I/O
I/O
I/O
I/O
Note 1: Not all microcontroller I/O pins are required to be connected to the MCP2140A.
Microcontroller
Optical
TXD
RXD
Transceiver
R1 (100 k
Ω)
R2 (100 k
Ω)
0.1 µF


Similar Part No. - MCP2140A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2140 MICROCHIP-MCP2140 Datasheet
404Kb / 34P
   Infrared Encoder/Decoder
2004
MCP2140 MICROCHIP-MCP2140 Datasheet
798Kb / 38P
   Infrared Encoder/Decoder
2007
MCP2140-IP MICROCHIP-MCP2140-IP Datasheet
936Kb / 58P
   IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
2003
MCP2140-ISO MICROCHIP-MCP2140-ISO Datasheet
936Kb / 58P
   IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
2003
MCP2140-ISS MICROCHIP-MCP2140-ISS Datasheet
936Kb / 58P
   IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
2003
More results

Similar Description - MCP2140A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2140 MICROCHIP-MCP2140_13 Datasheet
1Mb / 58P
   IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
10/26/12
MCP2140 MICROCHIP-MCP2140_03 Datasheet
936Kb / 58P
   IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
2003
MCP2155 MICROCHIP-MCP2155_13 Datasheet
852Kb / 52P
   IrDA짰 Standard Protocol Stack Controller
11/29/12
MCP2150 MICROCHIP-MCP2150 Datasheet
687Kb / 52P
   IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
2002
MCP2150 MICROCHIP-MCP2150_13 Datasheet
987Kb / 52P
   IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
11/29/12
logo
List of Unclassifed Man...
CSE7766 ETC1-CSE7766 Datasheet
680Kb / 25P
   Baud rate of UART communication protocol of serial port is 4800bps.
logo
Microchip Technology
MCP2155-I MICROCHIP-MCP2155-I Datasheet
512Kb / 52P
   IrDA Standard Protocol Stack Controller Supporting DCE Applicaations
10/01/01
MCP2155 MICROCHIP-MCP2155 Datasheet
608Kb / 52P
   ItDA Standard Protocol Stack Controller Supporting DCE Applications
2001
logo
Radiometrix Ltd
I9600 RADIOMETRIX-I9600 Datasheet
416Kb / 7P
   9600 baud Transparent Data Link IC
logo
Intersil Corporation
IM4702 INTERSIL-IM4702 Datasheet
592Kb / 7P
   BAUD RATE GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com