Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS650240RHBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650240RHBR
Description  Power Management ICs for Li-Ion Powered Systems
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS650240RHBR Datasheet(HTML) 1 Page - Texas Instruments

  TPS650240RHBR Datasheet HTML 1Page - Texas Instruments TPS650240RHBR Datasheet HTML 2Page - Texas Instruments TPS650240RHBR Datasheet HTML 3Page - Texas Instruments TPS650240RHBR Datasheet HTML 4Page - Texas Instruments TPS650240RHBR Datasheet HTML 5Page - Texas Instruments TPS650240RHBR Datasheet HTML 6Page - Texas Instruments TPS650240RHBR Datasheet HTML 7Page - Texas Instruments TPS650240RHBR Datasheet HTML 8Page - Texas Instruments TPS650240RHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
TPS650240
TPS650241
TPS650242
SLVS774 – JUNE 2007
Power Management ICs for Li-Ion Powered Systems
• PDA
• 1.6A or 1.0A, 97% Efficient Step-Down
Converter for System Voltage (VDCDC1)
• Cellular/Smart Phone
• GPS
3.3V or 2.80V or Adjustable
• Digital Still Camera
• 1.0A or 0.8A, up to 95% Efficient Step-Down
• Split Supply DSP and μP Solutions:, Samsung
Converter for Memory Voltage (VDCDC2)
ARM-Based Processors, etc.
1.8V or 2.5V or Adjustable
• 0.8A, 90% Efficient Step-Down Converter for
Processor Core (VDCDC3)
The TPS65024x are integrated Power Management
• Two Selectable Voltages for VDCDC3
ICs for applications powered by one Li-Ion or
TPS650240:
Li-Polymer cell, which require multiple power rails.
DEFDCDC3= LOW: Vo = 1.0V
The
TPS65024x
provide
three
highly
efficient,
step-down converters targeted at providing the core
DEFDCDC3= HIGH: Vo = 1.3V
voltage, peripheral, I/O and memory rails in a
TPS650241:
processor
based
system.
All
three
step-down
DEFDCDC3= LOW: Vo = 0.9V
converters enter a low power mode at light load for
maximum efficiency across the widest possible range
DEFDCDC3= HIGH: Vo = 1.375V
of load currents. The converters can be forced into
TPS650242:
fixed frequency PWM mode by pulling the MODE pin
DEFDCDC3= LOW: Vo = 1.0V
high. The TPS65024x also integrate two general
purpose 200 mA LDO voltage regulators, which are
DEFDCDC3= HIGH: Vo = 1.5V
enabled with an external input pin. Each LDO
• 30mA LDO for Vdd_alive
operates with an input voltage range between 1.5 V
• 2 × 200 mA General Purpose LDOs (LDO1 and
and 6.5 V allowing them to be supplied from one of
LDO2)
the step-down converters or directly from the battery.
The output voltage of the LDOs can be set with an
• Dynamic Voltage Management for Processor
external resistor divider for maximum flexibility.
Core
Additionally there is a 30mA LDO typically used to
• LDO1 and LDO2 Voltage Externally Adjustable
provide power in a processor based system to a
• Separate Enable Pins for Inductive Converters
voltage rail that is always on. TPS65024x provide
voltage scaling on DCDC3 using the DEFDCDC3
• 2.25 MHz Switching Frequency
pin. This pin either needs to be connected to a logic
• 85 μA Quiescent Current
HIGH or logic LOW level to set the output voltage of
• Thermal Shutdown Protection
DCDC3. TPS65024x come in a small 5mm x 5mm
32 pin QFN package (RHB).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS650240RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650240RHBR TI-TPS650240RHBR Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240RHBR TI-TPS650240RHBR Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240RHBR TI1-TPS650240RHBR Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240RHBRG4 TI-TPS650240RHBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240RHBRG4 TI-TPS650240RHBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results

Similar Description - TPS650240RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650240_0712 TI-TPS650240_0712 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650241-Q1 TI1-TPS650241-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI1-TPS650240_16 Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com