Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8703 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8703
Description  8-bit high-speed analog-to-digital converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8703 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8703 Datasheet HTML 5Page - NXP Semiconductors TDA8703 Datasheet HTML 6Page - NXP Semiconductors TDA8703 Datasheet HTML 7Page - NXP Semiconductors TDA8703 Datasheet HTML 8Page - NXP Semiconductors TDA8703 Datasheet HTML 9Page - NXP Semiconductors TDA8703 Datasheet HTML 10Page - NXP Semiconductors TDA8703 Datasheet HTML 11Page - NXP Semiconductors TDA8703 Datasheet HTML 12Page - NXP Semiconductors TDA8703 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
1996 Aug 26
9
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDA8703
Notes
1. The circuit has two clock inputs CLK and CLK. There are four modes of operation:
a) TTL (mode 1); CLK decoupled to DGND by a capacitor. CLK input is TTL threshold voltage of 1.5 V and sampling
on the LOW-to-HIGH transition of the input clock signal.
b) TTL (mode 2); CLK decoupled to DGND by a capacitor. CLK input is TTL threshold voltage of 1.5 V and sampling
on the HIGH-to-LOW transition of the input clock signal.
c) AC drive modes (modes 3 and 4); When driving the CLK input directly and with any AC signal of 0.5 V
(peak-to-peak value) imposed on a DC level of 1.5 V, sampling takes place on the LOW-to-HIGH transition of the
clock signal. When driving the CLK input with such a signal, sampling takes place on the HIGH-to-LOW transition.
d) If one of the clock inputs is not driven, then it is recommended to decouple this input to DGND with a 100 nF
capacitor.
2. In addition to a good layout of the digital and analog ground, it is recommended that the rise and fall times of the clock
must not be less than 2 ns.
3. The
−3 dB bandwidth is determined by the 3 dB reduction in the reconstructed output (full-scale signal at the input).
4. Low frequency ramp signal (VVI(p-p) = 1.8 V and fi = 15 kHz) combined with a sinewave input voltage (VVI(p-p) = 0.5 V,
fi = 4.43 MHz) at the input.
5. Supply voltage ripple rejection:
a) SVRR1; variation of the input voltage producing output code 127 for supply voltage variation of 1 V:
SVRR1 = 20 log (
∆VVI(127) / ∆VCCA)
b) SVRR2; relative variation of the full-scale range of analog input for a supply voltage variation of 1 V:
SVR2 = {
∆(VVI(0) − VVI(255))/(VVI(0) − VVI(255))} ÷∆VCCA.
6. Full-scale sinewave (fi = 4.4 MHz; fCLK; fCLK = 27 MHz).
7. Output data acquisition:
a) Output data is available after the maximum delay of tdHL and tdLH.


Similar Part No. - TDA8703

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8702 PHILIPS-TDA8702 Datasheet
120Kb / 19P
   8-bit video digital-to-analog converter
1996 Aug 23
TDA8702T PHILIPS-TDA8702T Datasheet
120Kb / 19P
   8-bit video digital-to-analog converter
1996 Aug 23
TDA8705 PHILIPS-TDA8705 Datasheet
117Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
TDA8705A PHILIPS-TDA8705A Datasheet
111Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
TDA8705AT PHILIPS-TDA8705AT Datasheet
111Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
More results

Similar Description - TDA8703

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8715 PHILIPS-TDA8715 Datasheet
430Kb / 15P
    8 - BIT HIGH SPEED ANALOG - TO - DIGITAL CONVERTER
November 1990
TDF8704 PHILIPS-TDF8704 Datasheet
137Kb / 20P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8718 PHILIPS-TDA8718 Datasheet
110Kb / 16P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8714 PHILIPS-TDA8714 Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
TDA8716 PHILIPS-TDA8716 Datasheet
167Kb / 21P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
logo
Texas Instruments
TLC5540 TI-TLC5540 Datasheet
231Kb / 18P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
logo
Exar Corporation
MP7684A EXAR-MP7684A Datasheet
1Mb / 14P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP7683 EXAR-MP7683 Datasheet
645Kb / 10P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD8785 EXAR-XRD8785 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8775 EXAR-XRD8775 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com