Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1256 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1256
Description  Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1256 Datasheet(HTML) 5 Page - Microchip Technology

  MCP1256 Datasheet HTML 1Page - Microchip Technology MCP1256 Datasheet HTML 2Page - Microchip Technology MCP1256 Datasheet HTML 3Page - Microchip Technology MCP1256 Datasheet HTML 4Page - Microchip Technology MCP1256 Datasheet HTML 5Page - Microchip Technology MCP1256 Datasheet HTML 6Page - Microchip Technology MCP1256 Datasheet HTML 7Page - Microchip Technology MCP1256 Datasheet HTML 8Page - Microchip Technology MCP1256 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
© 2006 Microchip Technology Inc.
DS21989A-page 5
MCP1256/7/8/9
TEMPERATURE SPECIFICATIONS
AC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all limits apply for VIN = 1.8V to 3.6V, SHDN = VIN, CIN = COUT = 10 μF,
C1 = C2 = 1 μF, IOUT = 10 mA, TJ = -40°C to +125°C. Typical values are at TJ = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
ALL DEVICES
Internal Oscillator Frequency
FOSC
650
kHz
Output Voltage Ripple,
VRIP
—5
mVp-p
COUT = 10 μF, IOUT = 10 mA
Normal Operation
20
mVp-p
COUT = 10 μF, IOUT = 100 mA
—12
mVp-p
COUT = 2.2 μF, IOUT = 10 mA
—55
mVp-p
COUT = 2.2 μF, IOUT = 100 mA
VOUT Wake-up Time From
Shutdown
TWKUP
175
μsVIN = 3.0V, IOUT = 10 mA,
SHDN = VIH(MIN),
VOUT from 0 to 90% Nominal Regulated
Output Voltage
MCP1256 and MCP1257
Output Voltage Ripple,
VRIP
—40
mVp-p
COUT = 10 μF, IOUT = 0.1 mA
SLEEP Mode
60
mVp-p
COUT = 10 μF, IOUT = 4 mA
—40
mVp-p
COUT = 2.2 μF, IOUT = 0.1 mA
—60
mVp-p
COUT = 2.2 μF, IOUT = 4 mA
MCP1258 and MCP1259
VOUT Wake-up Time From
BYPASS
TWKUP
150
μsVIN = 3.0V, IOUT = 10 mA,
SHDN = VIH(MIN),
VOUT from 0 to 90% Nominal Regulated
Output Voltage
Electrical Specifications: Unless otherwise indicated, all limits apply for VIN = 1.8V to 3.6V, SHDN = VIN, CIN = COUT = 10 μF,
C1 = C2 = 1 μF, IOUT = 10 mA, TJ = -40°C to +125°C. Typical values are at TJ = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TJ
-40
+125
°C
Operating Temperature Range
TJ
-40
+125
°C
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, 10-Lead, MSOP
θJA
200
°C/W
4-Layer JC51-7 Standard Board,
Natural Convection
Thermal Resistance, 10-Lead, DFN
3mm x 3mm
θJA
57
°C/W
4-Layer JC51-7 Standard Board,
Natural Convection


Similar Part No. - MCP1256

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
More results

Similar Description - MCP1256

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
logo
Texas Instruments
TPS60210 TI-TPS60210 Datasheet
371Kb / 21P
[Old version datasheet]   REGULATED 3.3V LOW RIPPLE CHARGE PUMP WITH ULTRA LOW OPERATING CURRENT
TPS60210DGSR TI1-TPS60210DGSR Datasheet
994Kb / 26P
[Old version datasheet]   REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
logo
Maxim Integrated Produc...
MAX679 MAXIM-MAX679 Datasheet
76Kb / 6P
   Regulated 3.3V Charge Pump
Rev 0; 4/97
logo
Microchip Technology
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
   Low Noise, Positive-Regulated Charge Pump
2002
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
   Low-Noise, Positive-Regulated Charge Pump
03/25/14
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
   Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
Semtech Corporation
SC613 SEMTECH-SC613 Datasheet
375Kb / 14P
   Low Noise Regulated Charge Pump with Selectable Output
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612_10 Datasheet
6Mb / 364P
   Very Low Current Consumption in Sleep Mode
logo
Texas Instruments
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com