Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVCP40 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN65LVCP40
Description  DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP40 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVCP40_07 Datasheet HTML 3Page - Texas Instruments SN65LVCP40_07 Datasheet HTML 4Page - Texas Instruments SN65LVCP40_07 Datasheet HTML 5Page - Texas Instruments SN65LVCP40_07 Datasheet HTML 6Page - Texas Instruments SN65LVCP40_07 Datasheet HTML 7Page - Texas Instruments SN65LVCP40_07 Datasheet HTML 8Page - Texas Instruments SN65LVCP40_07 Datasheet HTML 9Page - Texas Instruments SN65LVCP40_07 Datasheet HTML 10Page - Texas Instruments SN65LVCP40_07 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.ti.com
LO_0P
SIA_0P
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+−
+
+
+
Switch Side Outputs
Line Side Outputs
Preemphasis Control
SIA_0N
SIB_0P
SIB_0N
SOA_0P
SOA_0N
SOB_0P
SOB_0N
SIA_1P
SIA_1N
SIB_1P
SIB_1N
SOA_1P
SOA_1N
SOB_1P
SOB_1N
LO_0N
MUX_S0
LI_0P
LI_0N
LB0A
LB0B
PREL_0
PREL_1
LO_1P
LO_1N
MUX_S1
LI_1P
LI_1N
LB1A
LB1B
PRES_0
PRES_1
EQ
EQ
EQ
EQ
EQ
EQ
Note:
Receiver input internal biasing voltage (allows ac coupling)
EQ: Input Equalizer (compensates for frequency dependent
transmission line loss of backplanes)
Internal 50−Ohm receiver termination (100−Ohm differential)
Output precompensation for transmission line losses
30 K
1.6 V
Preemphasis Control
RT
RT
RT
RT
RT
RT
VBB
VBB
VBB
VBB
RT
RT
RT
RT
RT
RT
RT
RT
VBB
VBB:
RT:
Preemphasis:
SN65LVCP40
SLLS623D – SEPTEMBER 2004 – REVISED FEBRUARY 2006
FUNCTIONAL BLOCK DIAGRAM
7
Submit Documentation Feedback


Similar Part No. - SN65LVCP40_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP40 TI-SN65LVCP40_08 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
More results

Similar Description - SN65LVCP40_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP40 TI-SN65LVCP40_08 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40 TI-SN65LVCP40 Datasheet
986Kb / 19P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40 TI1-SN65LVCP40_14 Datasheet
1Mb / 25P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
DS10BR254 TI1-DS10BR254_15 Datasheet
1Mb / 19P
[Old version datasheet]   1.5 Gbps 1:4 LVDS Repeater
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254 Datasheet
286Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
DS10BR254 NSC-DS10BR254_08 Datasheet
287Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
logo
ON Semiconductor
MC10H174 ONSEMI-MC10H174_06 Datasheet
154Kb / 6P
   Dual 4 to 1 Multiplexer
February, 2006 ??Rev. 8
MC10174 ONSEMI-MC10174_02 Datasheet
91Kb / 4P
   Dual 4 to 1 Multiplexer
January, 2002 ??Rev. 7
MC10174 ONSEMI-MC10174 Datasheet
110Kb / 4P
   Dual 4 to 1 Multiplexer
1996 REV 5
logo
Microchip Technology
EQCO125X40 MICROCHIP-EQCO125X40 Datasheet
408Kb / 8P
   12.5 Gbps Asymmetric Equalizer/Driver/Repeater Product Brief
02/28/20B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com