Electronic Components Datasheet Search |
|
MCP4022 Datasheet(PDF) 49 Page - Microchip Technology |
|
MCP4022 Datasheet(HTML) 49 Page - Microchip Technology |
49 / 64 page © 2006 Microchip Technology Inc. DS21945E-page 49 MCP4021/2/3/4 8.2 Operational Amplifier Applications Figure 8-3, Figure 8-4 and Figure 8-5 illustrate typical amplifier circuits that could replace fixed resistors with the MCP4021/2/3/4 to achieve digitally-adjustable analog solutions. Figure 8-4 shows a circuit that allows a non-inverting amplifier to have its’ offset and gain to be independently trimmed. The MCP4021 is used along with resistors R1 and R2 to set the offset voltage. The sum of R1 + R2 resistance should be significantly greater (> 100 times) the resistance value of the MCP4021. This allows each increment or decrement in the MCP4021 to be a fine adjustment of the offset voltage. The input voltage of the op amp (VIN) should be centered at the op amps VW voltage. The gain is adjusted by the MCP4022. If the resistance value of the MCP4022 is small compared to the resistance value of R3, then this is a fine adjustment of the gain. If the resistance value of the MCP4022 is equal (or large) compared to the resistance value of R3, then this is a course adjustment of the gain. In gerneral, trim the course adjustments first and then trim the fine adjustments. FIGURE 8-3: Trimming Offset and Gain in an Inverting Amplifier. FIGURE 8-4: Trimming Offset and Gain in a Non-Inverting Amplifier. FIGURE 8-5: Programmable Filter. Op Amp VIN VOUT B A W + – MCP4021 R1 R2 B A VDD W R3 R4 MCP6001 Op Amp VIN VOUT – + R1 R2 B A VDD W R3 MCP6291 MCP4022 W A V DD V W Op Amp VIN VOUT B A W + – MCP4021 R1 R2 B A VDD W MCP4022 R3 R4 fc 1 2 π R Eq C ⋅⋅ ----------------------------- = Pot1 Pot2 REq R1 RAB RWB – + () R2 RWB + () R w + || = Thevenin Equivalent MCP6021 |
Similar Part No. - MCP4022 |
|
Similar Description - MCP4022 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |