Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1301B-UWAVMF Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1301B-UWAVMF
Description  Dual LDO with Microcontroller RESET Function
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1301B-UWAVMF Datasheet(HTML) 3 Page - Microchip Technology

  TC1301B-UWAVMF Datasheet HTML 1Page - Microchip Technology TC1301B-UWAVMF Datasheet HTML 2Page - Microchip Technology TC1301B-UWAVMF Datasheet HTML 3Page - Microchip Technology TC1301B-UWAVMF Datasheet HTML 4Page - Microchip Technology TC1301B-UWAVMF Datasheet HTML 5Page - Microchip Technology TC1301B-UWAVMF Datasheet HTML 6Page - Microchip Technology TC1301B-UWAVMF Datasheet HTML 7Page - Microchip Technology TC1301B-UWAVMF Datasheet HTML 8Page - Microchip Technology TC1301B-UWAVMF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21798B-page 3
TC1301A/B
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD...................................................................................6.5V
Maximum Voltage on Any Pin ...... (VSS – 0.3) to (VIN + 0.3)V
Power Dissipation ..........................Internally Limited (Note 7)
Storage temperature .....................................-65°C to +150°C
Maximum Junction Temperature, TJ ........................... +150°C
Continuous Operating Temperature Range ..-40°C to +125°C
ESD protection on all pins, HBM, MM
..................... 4 kV, 400V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, VIN = VR +1V, IOUT1 = IOUT2 = 100 µA, CIN = 4.7 µF, COUT1 = COUT2 = 1 µF,
CBYPASS = 10 nF, SHDN > VIH, TA = +25°C.
Boldface type specifications apply for junction temperatures of -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Operating Voltage
VIN
2.7
6.0
V
Note 1
Maximum Output Current
IOUT1Max
300
——
mA
VIN = 2.7V to 6.0V (Note 1)
Maximum Output Current
IOUT2Max
150
——
mA
VIN = 2.7V to 6.0V (Note 1)
Output Voltage Tolerance
(VOUT1 and VOUT2)
VOUT
VR – 2.5 VR±0.5 VR + 2.5
%
Note 2
Temperature Coefficient
(VOUT1 and VOUT2)
TCVOUT
25
ppm/°C
Note 3
Line Regulation
(VOUT1 and VOUT2)
ΔVOUT/
ΔVIN
—0.02
0.2
%/V
(VR+1V) ≤ VIN ≤ 6V
Load Regulation, VOUT ≥ 2.5V
(VOUT1 and VOUT2)
ΔVOUT/
VOUT
-1
0.1
+1
%IOUTX = 0.1 mA to IOUTMax (Note 4)
Load Regulation, VOUT < 2.5V
(VOUT1 and VOUT2)
ΔVOUT/
VOUT
-1.5
0.1
+1.5
%IOUTX = 0.1 mA to IOUTMax (Note 4)
Thermal Regulation
ΔVOUT/ΔPD
—0.04
%/W
Note 5
Dropout Voltage (Note 6)
VOUT1 ≥ 2.7V
VIN – VOUT
104
180
mV
IOUT1 = 300 mA
VOUT2 ≥ 2.6V
VIN – VOUT
150
250
mV
IOUT2 = 150 mA
Supply Current
TC1301A
IIN(A)
103
180
µA
SHDN2 = VIN, VDET = OPEN,
IOUT1 = IOUT2 = 0 mA
TC1301B
IIN(B)
—114
180
µA
SHDN1 = SHDN2 = VIN,
IOUT1 = IOUT2 = 0 mA
Note
1:
The minimum VIN has to meet two conditions: VIN ≥ 2.7V and VIN ≥ VR + VDROPOUT.
2:
VR is defined as the higher of the two regulator nominal output voltages (VOUT1 or VOUT2).
3:
TCVOUT = ((VOUTmax - VOUTmin) * 10
6)/(V
OUT * ΔT).
4:
Regulation is measured at a constant junction temperature using low duty-cycle pulse testing. Load regulation is tested
over a load range from 0.1 mA to the maximum specified output current. Changes in output voltage due to heating
effects are covered by the thermal regulation specification.
5:
Thermal regulation is defined as the change in output voltage at a time t after a change in power dissipation is applied,
excluding load or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for
t = 10 ms.
6:
Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2% below its value
measured at a 1V differential.
7:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction-to-air (i.e., TA, TJ, θJA). Exceeding the maximum allowable power
dissipation causes the device to initiate thermal shutdown
.


Similar Part No. - TC1301B-UWAVMF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1301B-UWAVMF MICROCHIP-TC1301B-UWAVMF Datasheet
778Kb / 28P
   Dual LDO with Microcontroller RESET Function
2008
TC1301B-UWAVMFTR MICROCHIP-TC1301B-UWAVMFTR Datasheet
778Kb / 28P
   Dual LDO with Microcontroller RESET Function
2008
More results

Similar Description - TC1301B-UWAVMF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1301A MICROCHIP-TC1301A_08 Datasheet
778Kb / 28P
   Dual LDO with Microcontroller RESET Function
2008
TC1301B-DAAVUATR MICROCHIP-TC1301B-DAAVUATR Datasheet
665Kb / 28P
   Dual LDO with Microcontroller RESET Function
01/02/08
logo
Richtek Technology Corp...
RT9006A RICHTEK-RT9006A Datasheet
201Kb / 10P
   Dual LDO Regulator with Reset Function
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
New Japan Radio
NJW4116T1 NJRC-NJW4116T1 Datasheet
1Mb / 13P
   Io=500mA LDO with Reset function
Ver.2016-04-05
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
   DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
   Dual 150mA LDO Regulator with Programmable Reset
logo
Unisonic Technologies
LR6401 UTC-LR6401_12 Datasheet
421Kb / 8P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
logo
Advanced Power Electron...
APE8843 A-POWER-APE8843_14 Datasheet
60Kb / 4P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
APE8839A A-POWER-APE8839A_14 Datasheet
771Kb / 9P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com