Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2070 Datasheet(PDF) 2 Page - Microchip Technology

Part # PS2070
Description  Switch Mode Charger Evaluation Board
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS2070 Datasheet(HTML) 2 Page - Microchip Technology

  PS2070 Datasheet HTML 1Page - Microchip Technology PS2070 Datasheet HTML 2Page - Microchip Technology PS2070 Datasheet HTML 3Page - Microchip Technology PS2070 Datasheet HTML 4Page - Microchip Technology PS2070 Datasheet HTML 5Page - Microchip Technology PS2070 Datasheet HTML 6Page - Microchip Technology PS2070 Datasheet HTML 7Page - Microchip Technology PS2070 Datasheet HTML 8Page - Microchip Technology PS2070 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PS2070
DS21927A-page 2
 2005 Microchip Technology Inc.
1.0
PRODUCT OVERVIEW
The PS2070 evaluation board is a complete charger
evaluation circuit subsystem based on the Microchip
PS200 charge controller. The board is designed to
operate with a rechargeable battery pack consisting of
lithium based, nickel based or lead acid cells. The
board includes the Microchip PS200 battery monitor IC
in a socket, a 100 mOhm sense resistor and power
components to enable charging currents to a maximum
of 2.0A.
2.0
GENERAL SETUP
The Microchip PS2070 evaluation board plugs directly
into a PowerInfo 2 interface board or PowerCal 2
calibration board. These development tools, connected
to a PC running PowerTool™ 200 (PS020) develop-
ment software, form a complete PS200 battery charger
evaluation environment. The information that follows
will guide you through the setup of the various features
available.
Please
refer
to
the
PowerInfo
2 or
PowerCal 2 data sheet for information on setting up
those products.
2.1
Connectors
• JBat – Battery input connector. The battery pack
to be charged is connected here. Looking into the
connector on the board, the pins from left to right
are:
- BAT+: Battery pack positive
- CLK:
SMBus clock
- DTA:
SMBus data
- TMP:
Temperature
- GND:
Battery pack negative
• PHost – Charger host interface. The PowerInfo 2
or PowerCal 2 is connected here. Looking into the
connector on the board, the pins from left to right
are:
- GND:
Battery pack negative
- TMP:
Temperature
- DTA:
SMBus data
- CLK:
SMBus clock
- BAT+: Battery pack positive
• J1 – In-Circuit Serial Programming (ICSP)
interface. The PS200 Flash memory can be
reprogrammed via this interface. This is only
necessary to upgrade to a newer firmware
revision or install firmware for a different
rechargeable chemistry.
• J3 – Charger DC power supply input. Input volt-
age range is 18 to 22 VDC. The supply must be
current limited or fused to a maximum of 2.5A.
2.2
Jumpers
• JP2 – Jumper to configure board for standard
operation with PS200 pin 2 (LED 2) connected to
the red LED or connected to PHost CLK for
communication with PowerTool 200 PC software.
• JP18 – Jumper to disconnect the overvoltage
protection divider from PS200 pin 18 (VOVP). This
allows pin 18 to be used for ICSP.
• JP19 – Jumper to disconnect the temperature
divider from PS200 pin 19 (TEMP). This allows
pin 19 to be used for ICSP.
• OPV – Jumper to configure overvoltage protection
(OVP) limit.
Jumper Position
1-2
2-3
PS200 pin 2 to Red LED
X
O
PS200 pin 2 to PHost CLK
O
X
Legend: O = open, X = connect
Jumper Position
1-2
Disable VOVP (Enable ICSP™)
O
Enable VOVP input
X
Legend: O = open, X = connect
Jumper Position
1-2
Disable TEMP (Enable ICSP™)
O
Enable TEMP input
X
Legend: O = open, X = connect
Jumper Position
1-8
(1 Cell)
2-7
(2 Cells)
3-6
(3 Cells)
4-5
(4 Cells)
OVP 4404 mV
X
O
O
O
OVP 8808 mV
O
X
O
O
OVP 13200 mV
O
O
X
O
OVP 17640 mV
O
O
O
X
No OVP limit
O
O
O
O
Legend: O = open, X = connect


Similar Part No. - PS2070

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PS20 VISHAY-PS20 Datasheet
89Kb / 3P
   Plate Capacitors with Contoured Rim - Class 2 Ceramic
Revision: 14-Aug-02
PS20 VISHAY-PS20 Datasheet
96Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 14-Aug-02
logo
Elektron Components Ltd...
PS20 BULGIN-PS20 Datasheet
85Kb / 1P
   Accessories
logo
Bi technologies
PS20 BITECH-PS20 Datasheet
102Kb / 4P
   Slide Potentiometer
logo
Copal Electronics
PS20-102V-NM COPAL-PS20-102V-NM Datasheet
708Kb / 3P
   PRESSURE SWITCHES
More results

Similar Description - PS2070

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EVB-KSZ9477 MICROCHIP-EVB-KSZ9477 Datasheet
2Mb / 36P
   Gigabit Ethernet Switch Evaluation Board
11/07/16
logo
STMicroelectronics
EVAL6902D STMICROELECTRONICS-EVAL6902D Datasheet
74Kb / 4P
   L6902D 1A Constant current battery charger evaluation board
logo
Dialog Semiconductor
IW1830-EVAL1 DIALOG-IW1830-EVAL1 Datasheet
488Kb / 7P
   Evaluation Board for 15W Single-Output Switch-Mode Power Supply
IW1830-EVAL DIALOG-IW1830-EVAL Datasheet
482Kb / 7P
   Evaluation Board for 15W Dual-Output Switch-Mode Power Supply
IW1818-EVAL DIALOG-IW1818-EVAL Datasheet
474Kb / 6P
   Evaluation Board for 10W Single-Output Switch-Mode Power Supply
logo
Freescale Semiconductor...
BC3770 FREESCALE-BC3770 Datasheet
1Mb / 45P
   2.0 A Switch-Mode Charger
logo
STMicroelectronics
STEVAL-ISB032V1 STMICROELECTRONICS-STEVAL-ISB032V1 Datasheet
243Kb / 4P
   Li-Ion battery charger evaluation board based on STNS01
January 2016 Rev 3
logo
Maxim Integrated Produc...
MAX745 MAXIM-MAX745_V01 Datasheet
756Kb / 9P
   Switch-Mode Lithium-Ion Battery-Charger
2019
logo
Anpec Electronics Corop...
APW7262 ANPEC-APW7262 Datasheet
799Kb / 41P
   3MHz Synchronous Switch-Mode Battery Charger
logo
Maxim Integrated Produc...
MAX745 MAXIM-MAX745 Datasheet
91Kb / 8P
   Switch-Mode Lithium-Ion Battery-Charger
19-1182; Rev 2; 12/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com