Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1630 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1630
Description  High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1630_05 Datasheet HTML 3Page - Microchip Technology MCP1630_05 Datasheet HTML 4Page - Microchip Technology MCP1630_05 Datasheet HTML 5Page - Microchip Technology MCP1630_05 Datasheet HTML 6Page - Microchip Technology MCP1630_05 Datasheet HTML 7Page - Microchip Technology MCP1630_05 Datasheet HTML 8Page - Microchip Technology MCP1630_05 Datasheet HTML 9Page - Microchip Technology MCP1630_05 Datasheet HTML 10Page - Microchip Technology MCP1630_05 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21896B-page 7
MCP1630/MCP1630V
TEMPERATURE SPECIFICATIONS
Current Sense Input
Maximum Current Sense Signal
MCP1630
VCS_MAX
0.85
0.9
0.95
V
Set by maximum error amplifier
clamp voltage, divided by 3.
Delay From CS to VEXT
MCP1630
TCS_VEXT
—12
25
ns
Maximum Current Sense Signal
MCP1630V
VCS_MAX
2.55
2.7
2.85
V
VIN > 4.25V
Maximum CS input range limited by
comparator input common mode
range. VCS_MAX =VIN-1.4V
Delay From CS to VEXT
MCP1630V
TCS_VEXT
17.5
35
ns
Minimum Duty Cycle
DCMIN
——
0
%
VFB =VREF +0.1V,
VCS =GND
Current Sense Input Bias Current
ICS_B
—-0.1
µA
VIN =5V
Internal Driver
RDSON P-channel
RDSon_P
—10
30
Ω
RDSON N-channel
RDSon_N
—7
30
Ω
VEXT Rise Time
TRISE
5.9
18
ns
CL = 100 pF
Typical for VIN =3V
VEXT Fall Time
TFALL
6.2
18
ns
CL = 100 pF
Typical for VIN =3V
Protection Features
Under Voltage Lockout
UVLO
2.7
3.0
V
VIN falling, VEXT low state when in
UVLO
Under Voltage Lockout Hysteresis UVLO HYS
50
75
150
mV
Thermal Shutdown
TSHD
150
°C
Thermal Shutdown Hysteresis
TSHD_HYS
—18
°C
Electrical Specifications: VIN = 3.0V to 5.5V, FOSC = 1 MHz with 10% Duty Cycle, CIN = 0.1 µF. TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Operating Junction Temperature Range
TA
-40
+125
°C
Steady state
Storage Temperature Range
TA
-65
+150
°C
Maximum Junction Temperature
TJ
+150
°C
Transient
Thermal Package Resistances
Thermal Resistance, 8L-DFN
(2 mm x 3 mm)
θJA
50.8
°C/W
Typical 4-layer board with two
interconnecting vias
Thermal Resistance, 8L-MSOP
θJA
208
°C/W
Typical 4-layer board
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, VIN = 3.0V to 5.5V, FOSC = 1 MHz with 10% Duty Cycle, CIN = 0.1 µF,
VIN for typical values = 5.0V, TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note
1:
Capable of higher frequency operation depending on minimum and maximum duty cycles needed.
2:
External oscillator input (OSC IN) rise and fall times between 10 ns and 10 µs used for characterization testing. Signal
levels between 0.8V and 2.0V with rise and fall times measured between 10% and 90% of maximum and minimum
values. Not production tested.
3:
The reference input of the internal amplifier is capable of rail-to-rail operation.


Similar Part No. - MCP1630_05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630_06 Datasheet
529Kb / 26P
   Coupled Inductor Boost Converter Demo Board
06/08/06
MCP1630 MICROCHIP-MCP1630_07 Datasheet
709Kb / 24P
   Input Boost Converter Demo Board
12/08/06
More results

Similar Description - MCP1630_05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630 Datasheet
440Kb / 18P
   High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2004
MCP1630 MICROCHIP-MCP1630_13 Datasheet
365Kb / 26P
   High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2004-2013
MCP1631 MICROCHIP-MCP1631 Datasheet
594Kb / 34P
   High-Speed, Pulse Width Modulator
2008
logo
Mitsubishi Electric Sem...
M66244FP MITSUBISHI-M66244FP Datasheet
78Kb / 15P
   High Speed Monolithic Pulse Width Modulator
logo
Analog Devices
AD9560AKR AD-AD9560AKR Datasheet
427Kb / 8P
   High Speed Monolithic Pulse Width Modulator
REV. 0
AD9560 AD-AD9560 Datasheet
424Kb / 8P
   High Speed Monolithic Pulse Width Modulator
REV. 0
logo
Texas Instruments
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI1-UCC25705_14 Datasheet
801Kb / 22P
[Old version datasheet]   HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
   Pulse Width Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com