Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8580J Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8580J
Description  Multi-purpose power amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8580J Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8580J Datasheet HTML 5Page - NXP Semiconductors TDA8580J Datasheet HTML 6Page - NXP Semiconductors TDA8580J Datasheet HTML 7Page - NXP Semiconductors TDA8580J Datasheet HTML 8Page - NXP Semiconductors TDA8580J Datasheet HTML 9Page - NXP Semiconductors TDA8580J Datasheet HTML 10Page - NXP Semiconductors TDA8580J Datasheet HTML 11Page - NXP Semiconductors TDA8580J Datasheet HTML 12Page - NXP Semiconductors TDA8580J Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
2000 Apr 18
9
Philips Semiconductors
Preliminary specification
Multi-purpose power amplifier
TDA8580J
Table 1
Selection of standby, mute and on
VOLTAGE AT PIN STANDBY
VOLTAGE AT PIN MUTE
FUNCTION
< 0.8 V
don’t care
standby (off)
2 to 5.3 V
< 0.8 V
mute (DC settled)
2 to 5.3 V
2.5 to 5.3 V
on (AC operating)
≥ 8.0 V
don’t care
on (AC operating)
handbook, halfpage
MGE020
DIAG
amplifier
output
temperature
overload
Fig.3 Diagnostic waveform: temperature overload.
handbook, halfpage
MGE021
DIAG
amplifier
output
normal
active
DDD
normal
Fig.4 Diagnostic waveform: DDD function.


Similar Part No. - TDA8580J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8580 PHILIPS-TDA8580 Datasheet
144Kb / 20P
   Multi-purpose power amplifier
1998 Feb 25
More results

Similar Description - TDA8580J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8580 PHILIPS-TDA8580 Datasheet
144Kb / 20P
   Multi-purpose power amplifier
1998 Feb 25
TDA8581 PHILIPS-TDA8581 Datasheet
113Kb / 20P
   Multi-purpose high-gain power amplifier
1998 May 27
logo
National Semiconductor ...
LM776 NSC-LM776 Datasheet
287Kb / 9P
   MULTI-PURPOSE PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
FMB200 FAIRCHILD-FMB200 Datasheet
50Kb / 4P
   PNP Multi-Chip General Purpose Amplifier
BC847BS FAIRCHILD-BC847BS Datasheet
199Kb / 3P
   NPN Multi-chip General Purpose Amplifier
FFB2222A FAIRCHILD-FFB2222A_1 Datasheet
88Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
BC847S FAIRCHILD-BC847S Datasheet
51Kb / 5P
   NPN Multi-Chip General Purpose Amplifier
FFB2222A FAIRCHILD-FFB2222A Datasheet
61Kb / 5P
   NPN Multi-Chip General Purpose Amplifier
FFB2907A FAIRCHILD-FFB2907A Datasheet
62Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
BC857S FAIRCHILD-BC857S Datasheet
51Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com