Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS200 Datasheet(PDF) 10 Page - Microchip Technology

Part # PS200
Description  PowerSmart짰 Configurable Battery Charger
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS200 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PS200 Datasheet HTML 6Page - Microchip Technology PS200 Datasheet HTML 7Page - Microchip Technology PS200 Datasheet HTML 8Page - Microchip Technology PS200 Datasheet HTML 9Page - Microchip Technology PS200 Datasheet HTML 10Page - Microchip Technology PS200 Datasheet HTML 11Page - Microchip Technology PS200 Datasheet HTML 12Page - Microchip Technology PS200 Datasheet HTML 13Page - Microchip Technology PS200 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
PS200
DS21891B-page 8
© 2005 Microchip Technology Inc.
2.2.5
CURRENT REGULATION STATE
The Current Regulation state can be entered from the
Precharge state or Charge Qualification state. Battery
charging is initiated. This state provides constant
current, voltage limited charging (refer to Figure 2-2).
The charge current is referred to as IREG or the regula-
tion current. While the current is applied, the battery’s
voltage increases until it reaches a voltage limit
referred to as VREG or regulation voltage. Charging
continues, during which battery voltage and tempera-
ture are monitored. There are three possible next
states.
1.
If the battery’s voltage reaches or exceeds the
voltage limit, VREG and its temperature remains
below the maximum allowable during current
regulated charging (TMAXCHG), then the next
state is Voltage Regulation (F).
2.
If the battery exhibits any one of the following
conditions then the next state is Charge
Suspend (C):
- Battery voltage exceeds upper voltage limit
for charging (VMAX)
- Battery temperature exceeds upper
temperature limit for charging (TMAX)
- Battery temperature is below the lower
temperature limit for charging (TMIN)
If the time in the Current Regulation state
exceeds the time limit (ti), then the next state is
Charge Suspend (C).
3.
If the battery pack is taken away (BATPRES = 0),
then the PS200 enters the Charge Pending (A)
state.
2.2.6
VOLTAGE REGULATION STATE
Voltage Regulation provides charging at a constant
voltage while the charge current decreases (or tapers)
to the user specified minimum current threshold (IMIN).
There are three possible next states.
1.
When the charge current reaches the taper
current threshold for End-Of-Charge (IMIN) and
the battery’s voltage remains at the regulated
voltage value (VREG), then the battery has
reached the Charge Complete (G) state.
2.
If the battery exhibits any one of the following
conditions, then the next state is Charge
Suspend (C).
- Battery voltage exceeds upper voltage limit
for charging (VMAX)
- Battery temperature exceeds upper
temperature limit for charging (TMAXCHG)
If the time in the Voltage Regulation state
exceeds the time limit (tv), then the next state is
Charge Suspend (C).
3.
If the battery pack is taken away (BATPRES = 0),
then the PS200 enters the Charge Pending (A)
state.
2.2.7
CHARGE CYCLE COMPLETE STATE
The user specified minimum current threshold (IMIN)
can be configured for various charging temperatures.
At this threshold, charging is terminated and the End-
Of-Charge state is reached. The PS200 can renew the
charge cycle by entering the Charge Pending (A) state
when: 1) the battery is removed (BATPRES = 0), or 2) if
the battery’s voltage falls below the recharge threshold
voltage (VRCHG).
FIGURE 2-2:
PS200 CHARGING PROFILE
Time
Precharge
Battery Voltage
Charge Current
Current Regulation
Voltage Regulation
VREG
IREG
IMIN


Similar Part No. - PS200

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PS200 PANJIT-PS200 Datasheet
44Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 2.0 Amperes)
PS200 PANJIT-PS200 Datasheet
59Kb / 2P
   PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200 Datasheet
52Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Axiomtek Co., Ltd.
PS200-1U AXIOMTEK-PS200-1U Datasheet
110Kb / 1P
   Power Supplies
PS200-1UATX200W AXIOMTEK-PS200-1UATX200W Datasheet
110Kb / 1P
   Power Supplies
More results

Similar Description - PS200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9241 RENESAS-ISL9241 Datasheet
245Kb / 2P
   Buck-Boost Configurable Battery Charger with SMBus Interface and USB
Aug 12, 2021
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
   Battery Charger
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
   Battery Charger
logo
STMicroelectronics
GSAC-8.507BC STMICROELECTRONICS-GSAC-8.507BC Datasheet
57Kb / 4P
   BATTERY CHARGER
logo
Technology Dynamics Inc...
TCP-BC-12-50 TECHNOLOGY-TCP-BC-12-50 Datasheet
286Kb / 2P
   BATTERY CHARGER
logo
STMicroelectronics
GSCC-8507BC STMICROELECTRONICS-GSCC-8507BC Datasheet
68Kb / 4P
   BATTERY CHARGER
GSAC-8507BC STMICROELECTRONICS-GSAC-8507BC Datasheet
60Kb / 4P
   BATTERY CHARGER
logo
Holtek Semiconductor In...
HT7470 HOLTEK-HT7470 Datasheet
430Kb / 7P
   Fast Battery Charger
logo
Linear Technology
LTC1759 LINER-LTC1759 Datasheet
362Kb / 28P
   Smart Battery Charger
logo
Maxim Integrated Produc...
MAX8856 MAXIM-MAX8856 Datasheet
156Kb / 13P
    Linear Battery Charger
Rev 0; 9/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com