Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA60H1317M1A Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # RA60H1317M1A
Description  RoHS Compliance ,136-174MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA60H1317M1A Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  RA60H1317M1A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA60H1317M1A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA60H1317M1A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA60H1317M1A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA60H1317M1A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA60H1317M1A Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA60H1317M1A Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA60H1317M1A Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA60H1317M1A Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA60H1317M1A
RA60H1317M1A
MITSUBISHI ELECTRIC
2 Aug 2007
5/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
0
10
20
30
40
50
60
70
80
90
100
3.5
4.0
4.5
5.0
5.5
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
14
16
18
20
f=136MHz
P
IN=50m W
V
DD=12.5V
P
out
IDD
0
10
20
30
40
50
60
70
80
90
100
3.5
4.0
4.5
5.0
5.5
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
14
16
18
20
f=155MHz
P
IN=50m W
V
DD=12.5V
P
out
IDD
0
10
20
30
40
50
60
70
80
90
100
3.5
4.0
4.5
5.0
5.5
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
14
16
18
20
f=174MHz
P
IN=50m W
V
DD=12.5V
P
out
IDD


Similar Part No. - RA60H1317M1A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA60H1317M1A MITSUBISHI-RA60H1317M1A Datasheet
109Kb / 9P
   RF MOSFET MODULE 136-174MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H1317M1A MITSUBISHI-RA60H1317M1A Datasheet
213Kb / 10P
   136-174MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H1317M1A-101 MITSUBISHI-RA60H1317M1A-101 Datasheet
109Kb / 9P
   RF MOSFET MODULE 136-174MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H1317M1A-201 MITSUBISHI-RA60H1317M1A-201 Datasheet
213Kb / 10P
   136-174MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H1317M1A MITSUBISHI-RA60H1317M1A_08 Datasheet
109Kb / 9P
   RF MOSFET MODULE 136-174MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA60H1317M1A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA60H1317M1A MITSUBISHI-RA60H1317M1A_11 Datasheet
213Kb / 10P
   136-174MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA80H1415M1 MITSUBISHI-RA80H1415M1 Datasheet
314Kb / 11P
   RoHS Compliance ,144-148MHz 80W, 136-174MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
Jun.2013
RA60H1317M1A MITSUBISHI-RA60H1317M1A_08 Datasheet
109Kb / 9P
   RF MOSFET MODULE 136-174MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H3847M1 MITSUBISHI-RA60H3847M1 Datasheet
305Kb / 11P
   RoHS Compliance, 378-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4452M1 MITSUBISHI-RA60H4452M1 Datasheet
169Kb / 9P
   RoHS Compliance, 440-520MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H1317M MITSUBISHI-RA60H1317M_11 Datasheet
245Kb / 9P
   RoHS Compliance , 135-175MHz 60W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA60H1317M MITSUBISHI-RA60H1317M_06 Datasheet
231Kb / 8P
   RoHS Compliance ,135-175MHz 60W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_06 Datasheet
214Kb / 8P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1721M MITSUBISHI-RA30H1721M Datasheet
238Kb / 8P
   RoHS Compliance , 175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA35H1516M MITSUBISHI-RA35H1516M_06 Datasheet
160Kb / 8P
   RoHS Compliance , 154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com