Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9967BRCCQ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9967BRCCQ
Description  Dual, Low-Power, 500Mbps ATE Driver/Comparator with 35mA Load
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9967BRCCQ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9967BRCCQ Datasheet HTML 1Page - Maxim Integrated Products MAX9967BRCCQ Datasheet HTML 2Page - Maxim Integrated Products MAX9967BRCCQ Datasheet HTML 3Page - Maxim Integrated Products MAX9967BRCCQ Datasheet HTML 4Page - Maxim Integrated Products MAX9967BRCCQ Datasheet HTML 5Page - Maxim Integrated Products MAX9967BRCCQ Datasheet HTML 6Page - Maxim Integrated Products MAX9967BRCCQ Datasheet HTML 7Page - Maxim Integrated Products MAX9967BRCCQ Datasheet HTML 8Page - Maxim Integrated Products MAX9967BRCCQ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Dual, Low-Power, 500Mbps ATE
Driver/Comparator with 35mA Load
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +9.75V, VEE = -5.25V, VCCO_ = +2.5V, SC1 = SC0 = 0, VCPHV_ = +7.2V, VCPLV_ = -2.2V, VLDH_ = VLDL_ = 0, VGS = 0,
TJ = +85
°C, unless otherwise noted. All temperature coefficients are measured at TJ = +70°C to +100°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Sense Resistance
RSENSE
7.50
10
13.75
k
Force Resistance
RFORCE
320
400
500
Force Capacitance
CFORCE
2pF
DYNAMIC OUTPUT CHARACTERISTICS (ZL = 50
Ω)
VDLV_ = 0, VDHV_ = 0.1V
30
VDLV_ = 0, VDHV_ = 1V
40
Drive-Mode Overshoot
VDLV_ = 0, VDHV_ = 3V
50
mV
Term-Mode Overshoot
(Note 14)
0
mV
Settling Time to Within 25mV
3V step (Note 15)
10
ns
Settling Time to Within 5mV
3V step (Note 15)
20
ns
TIMING CHARACTERISTICS (ZL = 50
Ω) (Note 16)
Prop Delay, Data to Output
tPDD
2.2
ns
Prop Delay Match, tLH vs. tHL
3VP-P
±50
ps
Prop Delay Match, Drivers Within
Package
(Note 17)
40
ps
Prop Delay Temperature
Coefficient
+3
ps/°C
Prop Delay Change vs. Pulse
Width
3VP-P, 40MHz, 2.5ns to 22.5ns pulse width,
relative to 12.5ns pulse width
±60
ps
Prop Delay Change vs. Common-
Mode Voltage
VDHV_ - VDLV_ = 1V, VDHV_ = 0 to 6V
85
ps
Prop Delay, Drive to High
Impedance
tPDDZ
VDHV_ = 1.0V, VDLV_ = -1.0V, VDTV_ = 0
3.2
ns
Prop Delay, High Impedance to
Drive
tPDZD
VDHV_ = 1.0V, VDLV_ = -1.0V, VDTV_ = 0
3.3
ns
Prop Delay, Drive to Term
tPDDT
VDHV_ = 3V, VDLV_ = 0, VDTV_ = 1.5V
2.5
ns
Prop Delay, Term to Drive
tPDTD
VDHV_ = 3V, VDLV_ = 0, VDTV_ = 1.5V
2.2
ns
DYNAMIC PERFORMANCE (ZL = 50
Ω)
0.2VP-P, 20% to 80%
370
1VP-P, 10% to 90%
630
ps
3VP-P, 10% to 90%
1.0
1.3
1.5
Rise and Fall Time
tR, tF
5VP-P, 10% to 90%
2.0
ns
Rise and Fall Time Match
tR vs. tF
3VP-P, 10% to 90%
±0.03
ns
SC1 = 0, SC0 = 1 Slew Rate
Percent of full speed (SC0 = SC1 = 0),
3VP-P, 20% to 80%
75
%
SC1 = 1, SC0 = 0 Slew Rate
Percent of full speed (SC0 = SC1 = 0),
3VP-P, 20% to 80%
50
%
SC1 = 1, SC0 = 1 Slew Rate
Percent of full speed (SC0 = SC1 = 0),
3VP-P, 20% to 80%
25
%


Similar Part No. - MAX9967BRCCQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX996 MAXIM-MAX996 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage
Rev 2; 1/07
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
MAX9960 MAXIM-MAX9960 Datasheet
621Kb / 11P
   Dual-Flash-Pin Electronics/Supervoltage Switch Matrix
Rev 0; 10/04
More results

Similar Description - MAX9967BRCCQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9969 MAXIM-MAX9969 Datasheet
688Kb / 31P
   Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Rev 0; 8/04
MAX9975 MAXIM-MAX9975 Datasheet
885Kb / 32P
   Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Rev 0; 6/05
MAX9963 MAXIM-MAX9963 Datasheet
744Kb / 25P
   Quad, Low-Power, 500Mbps ATE Driver/Comparator
Rev 1; 1/04
MAX9973 MAXIM-MAX9973 Datasheet
382Kb / 26P
   Dual Driver/Comparator/Load with Internal DACs
Rev 0; 1/07
MAX9977 MAXIM-MAX9977 Datasheet
1Mb / 17P
   Quad, Low-Power, 1200Mbps ATE Driver
Rev 0; 7/05
logo
KODENSHI_AUK CORP.
SN393 KODENSHI-SN393 Datasheet
474Kb / 8P
   Low Power Dual Comparator
logo
Semtech Corporation
EDGE7725 SEMTECH-EDGE7725 Datasheet
681Kb / 39P
   900 MHz Dual Pin Electronics Driver, Window Comparator, and Load
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
STMicroelectronics
LM2903YDT STMICROELECTRONICS-LM2903YDT Datasheet
796Kb / 18P
   Low-power dual voltage comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com