Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC341-30 Datasheet(PDF) 10 Page - Texas Instruments

Part # TC341-30
Description  780X488 PIXEL CCD IMAGE SENSOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC341-30 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TC341-30 Datasheet HTML 6Page - Texas Instruments TC341-30 Datasheet HTML 7Page - Texas Instruments TC341-30 Datasheet HTML 8Page - Texas Instruments TC341-30 Datasheet HTML 9Page - Texas Instruments TC341-30 Datasheet HTML 10Page - Texas Instruments TC341-30 Datasheet HTML 11Page - Texas Instruments TC341-30 Datasheet HTML 12Page - Texas Instruments TC341-30 Datasheet HTML 13Page - Texas Instruments TC341-30 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TC341
780×488 PIXEL
CCD IMAGE SENSOR
SOCS083A – OCTOBER 2002
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
optical characteristics, TA = 40°C (unless otherwise noted)
MIN
TYP
MAX
UNIT
Sensitivity (Note 7)
No IR filter
413
mV/Lx
With IR filter
51
VOFF
Zero input offset (Note 8)
0
100
200
mV
Blooming overload ratio (Note 9)
500:1
Image area well capacity with antiblooming off
70k
80k
00k
Image area well capacity with antiblooming on
35k
40k
45k
Smear (Note 10)
–75
dB
Dark current (Note 11)
TA = 21°C
0.1
nA/cm2
Dark signal (Note 12)
TA = 21°C
0.06
mV
Dark-signal uniformity (Note 13)
TA = 21°C
0.03
mV
Dark-signal shading (Note 14)
TA = 21°C
0.03
mV
Spurious nonuniformity
Dark (Note 15)
TA = 21°C
3.5
mV
Illuminated lens F#8
TA = 21°C
15
%
Column uniformity (Note 16)
TA = 21°C
0.3
mV
Electronic-shutter capability
1/1000
1/30
sec
NOTES:
7. Light source temperature is 2856
°K. The IR filter used is CM500 1mm thick. Integration time is 1/30 sec.
8. This is a signal pedestal measured from the output level after reset to the output level after the SRG negative transition without any
light input into the sensor.
9. Blooming is the condition in which charge induced by light in one element spills over to the neighboring elements.
10. Smear is the measure of error signal introduced into the pixels by transferring them through the illuminated region into the memory.
The illuminated region is 1/10 of the image area height. The value in the table is obtained for the integration time of 33.33 ms and
8 MHz vertical clock transfer frequency.
11. Dark current depends on temperature and approximately doubles every 8
°C.
12. Dark signal is actual device output measured in dark.
13. Dark signal uniformity is the sigma of difference of two neighboring pixels taken from all the image area pixels.
14. Dark signal shading is the difference between maximum and minimum of 5 pixel median taken anywhere in the array.
15. Spurious non-uniformity is the signal of no more than three neighboring pixels that exceeds or is less than average.
16. Column uniformity is obtain by summing all the lines in the array, finding the maximum of the difference of two neighboring columns
anywhere in the array, and dividing the result by number of lines.
pixel defect specifications, integration time = 1/60 sec, temperature = 40
°C
DEVICE PART
NUMBER
DEVICE IN DARK
DEVICE ILLUMINATED
TOTAL
DEFECT
COUNT
DEFECT COUNT
NUMBER
WS
BS
WS/BS
DEFECT
COUNT
NUMBER
WS
SIGNAL OUTPUT
LEVEL
AREA
AREA
AREA
AREA
A
B
A
B
A
B
A
B
TC341-20
> 3.5 mV
0
0
0
0
0
0
> 5%
0
0
50 mV
+/– 10 mV
0
TC341-30
2.5~3.5 mV
2
5
2
5
2
2
5~7.5%
2
5
12
> 3.5 mV
0
0
0
0
0
0
> 7.5%
0
0
TC341-40
3.5~7 mV
3
7
3
7
3
7
7.5~15%
3
7
15
> 7 mV
0
0
0
0
0
0
> 15%
0
0
17. See Figure 3 for definitions of area A and area B.


Similar Part No. - TC341-30

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
TC3417D-101M PRODUCTWELL-TC3417D-101M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC3418D-560M PRODUCTWELL-TC3418D-560M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC3418D-680M PRODUCTWELL-TC3418D-680M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC3418D-820M PRODUCTWELL-TC3418D-820M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Similar Description - TC341-30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC281 TI1-TC281_03 Datasheet
268Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC255P TI1-TC255P_03 Datasheet
350Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC245_1998 TI1-TC245_1998 Datasheet
309Kb / 19P
[Old version datasheet]   pixel ccd image sensor
TC217 TI1-TC217_08 Datasheet
394Kb / 21P
[Old version datasheet]   pixel ccd image sensor
TC253 TI1-TC253 Datasheet
256Kb / 19P
[Old version datasheet]   680x500 PIXEL CCD IMAGE SENSOR
TC236P TI-TC236P Datasheet
223Kb / 17P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC236 TI-TC236 Datasheet
189Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237B TI-TC237B Datasheet
205Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com