Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7263L Datasheet(PDF) 6 Page - Texas Instruments

Part # TDA7263L
Description  6 6W STEREO AMPLIFIER WITH MUTING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA7263L Datasheet(HTML) 6 Page - Texas Instruments

Back Button TDA7263L Datasheet HTML 2Page - Texas Instruments TDA7263L Datasheet HTML 3Page - Texas Instruments TDA7263L Datasheet HTML 4Page - Texas Instruments TDA7263L Datasheet HTML 5Page - Texas Instruments TDA7263L Datasheet HTML 6Page - Texas Instruments TDA7263L Datasheet HTML 7Page - Texas Instruments TDA7263L Datasheet HTML 8Page - Texas Instruments TDA7263L Datasheet HTML 9Page - Texas Instruments TDA7263L Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TDA7263L
6/10
4
APPLICATION SUGGESTION
The recommended values of the components are those shown on the typical application circuit. Different
values can be used; the following table can help the designer.
(*) Closed loop gain must be higher than 26dB
5
BUILT-IN PROTECTION SYSTEMS
5.1 Thermal Shut-down
The presence of a thermal limiting circuit offers the following advantages:
1 an overload on the output (even if it is permanent), or an excessive ambient temperature can be easily
withstood.
2 the heatsink can have a smaller factor of safety compared with that of a conventional circuit. There is no
device damage in the case of excessive junction temperature; if for any reason the junction temperature
increases up to 145°C. the thermal shutdown simply reduces the output power and therefore the power
dissipation.
The maximum allowable power dissipation depends upon the thermal resistance junction-ambient. Figure
15 shows the dissipable power as a function of ambient temperature for different heatsink thermal resis-
tance.
5.2 Short Circuit (AC Conditions)
The TDA7263L can withstand accidental short circuits across the speaker made by a wrong connection
during normal play operation.
Component
Recomm.
Value
Purpose
Larger Than
Smaller Than
R1 and R3
1.5K
Close loop gain setting (*)
Increase of gain
Decrease of gain
R2 and R4
47
Close loop gain setting (*)
Decrease of gain
Increase of gain
R5 and R6
4.7
Frequency stability
Danger of oscillations
C1 and C2
100nF
Input DC decoupling
Higher SVR
Higher low frequency cutoff
C3
47
µF
- Ripple Rejection
- Mute time constant
Increase of the Switch-on
time
- Degradation of SVR
- Worse turn-off pop by muting
C4
100nF
Supply Voltage Bypass
Danger of oscillations
C5
1000
µF
Supply Voltage Bypass
C6 and C7
47
µF
Feedback input DC
decoupling
Increase of the Switch-on
time
Danger of Switch-on time
C8 and C9
0.1
µF
Frequency stability
Danger of oscillations
C10 and C11
1000
µF
Output DC decoupling
Higher low-frequency cut-off


Similar Part No. - TDA7263L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7263 STMICROELECTRONICS-TDA7263 Datasheet
110Kb / 8P
   1212W STEREO AMPLIFIER WITH MUTING
TDA7263M STMICROELECTRONICS-TDA7263M Datasheet
124Kb / 7P
   1212W STEREO AMPLIFIER WITH MUTING
More results

Similar Description - TDA7263L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7253L STMICROELECTRONICS-TDA7253L Datasheet
103Kb / 8P
   6W AMPLIFIER WITH MUTING
TDA2007A STMICROELECTRONICS-TDA2007A Datasheet
110Kb / 7P
   6 6W STEREO AMPLIFIER
TDA7499 STMICROELECTRONICS-TDA7499 Datasheet
70Kb / 7P
   6 6W STEREO AMPLIFIER WITH MUTE & ST-BY
logo
Unisonic Technologies
TDA7499 UTC-TDA7499 Datasheet
228Kb / 5P
   6 6W STEREO AMPLIFIER WITH MUTE AND STAND-BY
logo
STMicroelectronics
TDA7499SA STMICROELECTRONICS-TDA7499SA Datasheet
156Kb / 11P
   6W6W STEREO AMPLIFIER WITH MUTE & ST-B
TDA7263M STMICROELECTRONICS-TDA7263M Datasheet
124Kb / 7P
   1212W STEREO AMPLIFIER WITH MUTING
TDA7263 STMICROELECTRONICS-TDA7263 Datasheet
110Kb / 8P
   1212W STEREO AMPLIFIER WITH MUTING
logo
Wuxi Youda electronics ...
YD1519B YOUDA-YD1519B Datasheet
96Kb / 6P
   6W STEREO POWER AMPLIFIER
logo
Texas Instruments
LM4940 TI1-LM4940_14 Datasheet
1Mb / 23P
[Old version datasheet]   6W Stereo Audio Power Amplifier
LM4940TSX TI1-LM4940TSX Datasheet
1Mb / 23P
[Old version datasheet]   6W Stereo Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com