Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89230UMG Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89230UMG
Description  3.2GHz Precision, LVPECL 첨3, 첨5 Clock Divider
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89230UMG Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89230UMG Datasheet HTML 1Page - Micrel Semiconductor SY89230UMG Datasheet HTML 2Page - Micrel Semiconductor SY89230UMG Datasheet HTML 3Page - Micrel Semiconductor SY89230UMG Datasheet HTML 4Page - Micrel Semiconductor SY89230UMG Datasheet HTML 5Page - Micrel Semiconductor SY89230UMG Datasheet HTML 6Page - Micrel Semiconductor SY89230UMG Datasheet HTML 7Page - Micrel Semiconductor SY89230UMG Datasheet HTML 8Page - Micrel Semiconductor SY89230UMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Micrel, Inc.
SY89230U
July. 18, 2007
M9999-071807-A
hbwhelp@micrel.com or (408) 955-1690
3
Pin Description
Pin Number
Pin Name
Pin Function
1, 4
IN, /IN
Differential Input: This input pair is the differential signal input to the device,
which accepts AC- or DC-coupled signal as small as 100mV. The input internally
terminates to a VT pin through 50Ω and has level shifting resistors of 3.72 kΩ to
VCC. This allows a wide input voltage range from VCC to GND. See Figure 3a,
Simplified Differential Input Stage for details. Note that this input will default to a
valid (either HIGH or LOW) state if left open. See “Input Interface Applications”
subsection.
2
VT
Input Termination Center-Tap: Each side of the differential input pair terminates
to the VT pin. The VT pin provides a center-tap for the input (IN, /IN) to a
termination network for maximum interface flexibility. See “Input Interface
Applications” section for more details.
3
VREF-AC
Reference Voltage: This output biases to VCC–1.2V. It is used for AC-coupling
inputs IN and /IN. Connect VREF-AC directly to the VT pin. Bypass with 0.01µF
low ESR capacitor to VCC. Due to limited drive capability, the VREF-AC pin is
only intended to drive its respective VT pin. Maximum sink/source current is
±0.5mA. See “Input Interface Applications” subsection.
5
EN
Single-ended Input: This TTL/CMOS-compatible input disables and enables the
output. It is internally connected to a 25kΩ pull-up resistor and will default to a
logic HIGH state if left open. When disabled, Q goes LOW and /Q goes HIGH.
EN being synchronous, outputs will be enabled/disabled after a rising and a
falling edge of the input clock. VTH = VCC/2.
6
/MR
Single-ended Input: This TTL/CMOS-compatible input, when pulled LOW,
asynchronously sets Q output LOW and /Q output HIGH. Note that this input is
internally connected to a 25kΩ pull-up resistor and will default to logic HIGH
state if left open. VTH = VCC/2.
7
NC
No Connect
8, 13
VCC
Positive Power Supply: Bypass with 0.1µF in parallel with 0.01µF low ESR
capacitors as close to the VCC pins as possible.
12, 9
Q, /Q
Differential Output: The LVPECL output swing is typically 800mV and is
terminated with 50Ω to VCC-2V. See the “Truth Table” below for the logic
function.
10, 11, 14,15
GND,
Exposed Pad
Ground: Ground and exposed pad must be connected to a ground plane that is
the same potential as the ground pins.
16
DIV_SEL
Single-ended Input: This TTL/CMOS-compatible input selects divide-by-3 when
pulled LOW and divide-by-5 when pulled HIGH. Note that this input is internally
connected to a 25kΩ pull-up resistor and will default to logic HIGH state if left
open. VTH = VCC/2.
Truth Table
Inputs
Outputs
DIV_SEL
EN
/MR
Q
/Q
X
X
0
0
1
0
1
1
÷3
÷3
1
1
1
÷5
÷5
X
0
1
0
1


Similar Part No. - SY89230UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89230UMGTR MICREL-SY89230UMGTR Datasheet
457Kb / 15P
   3.2GHz Precision, LVPECL 첨3, 첨5 Clock Divider
More results

Similar Description - SY89230UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89230U MICREL-SY89230U_10 Datasheet
457Kb / 15P
   3.2GHz Precision, LVPECL 첨3, 첨5 Clock Divider
SY89231U MICREL-SY89231U Datasheet
446Kb / 15P
   3.2GHz Precision, LVDS 첨3, 첨5 Clock Divider
SY89228U MICREL-SY89228U_10 Datasheet
551Kb / 16P
   1GHz Precision, LVPECL 첨3, 첨5 Clock Divider
SY89228U MICREL-SY89228U Datasheet
603Kb / 16P
   1GHz Precision, LVPECL 첨3, 첨5 Clock Divider with Fail-Safe Input and Internal Termination
SY89229U MICREL-SY89229U Datasheet
516Kb / 16P
   1GHz Precision, LVDS 첨3, 첨5 Clock Divider with Fail Safe Input and Internal Termination
logo
Renesas Technology Corp
8P73S674 RENESAS-8P73S674 Datasheet
479Kb / 16P
   1.8V LVPECL Clock Divider
0 Mar 2020
logo
Integrated Device Techn...
8P73S674 IDT-8P73S674_16 Datasheet
281Kb / 15P
   1.8V LVPECL Clock Divider
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
logo
Texas Instruments
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com