Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89230UMG Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY89230UMG
Description  3.2GHz Precision, LVPECL 첨3, 첨5 Clock Divider
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89230UMG Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY89230UMG Datasheet HTML 3Page - Micrel Semiconductor SY89230UMG Datasheet HTML 4Page - Micrel Semiconductor SY89230UMG Datasheet HTML 5Page - Micrel Semiconductor SY89230UMG Datasheet HTML 6Page - Micrel Semiconductor SY89230UMG Datasheet HTML 7Page - Micrel Semiconductor SY89230UMG Datasheet HTML 8Page - Micrel Semiconductor SY89230UMG Datasheet HTML 9Page - Micrel Semiconductor SY89230UMG Datasheet HTML 10Page - Micrel Semiconductor SY89230UMG Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Micrel, Inc.
SY89230U
July. 18, 2007
M9999-071807-A
hbwhelp@micrel.com or (408) 955-1690
7
Functional Description
Output Duty Cycle Equation
For divide by 3, output Duty Cycle is:
3
100
1
X
+
For divide by 5, output Duty Cycle is:
5
100
2
X
+
X = input Duty Cycle
Enable (EN)
EN is a synchronous TTL/CMOS-compatible input that
enables/disables the outputs based on the input to
this pin. Internal 25kΩ pull-up resistor defaults the
input to logic HIGH if left open. Input switching
threshold is VCC/2.
The Enable function operates as follows:
1. The
enable/disable
function
is
synchronous so that the clock outputs will
be enabled or disabled following a rising
and a falling edge of the input clock when
switching from EN = LOW to EN = HIGH.
However, when switching from EN = HIGH
to EN = LOW, the clock outputs will be
disable following an input clock rising edge
and an output clock falling edge.
2. The
enable/disable
function
always
guarantees the full pulse width at the
output before the clock outputs are
disabled, non-depending on the divider
ratio. Refer to Figure 1b for examples.
Divider Operation
The divider operation uses both the rising and falling
edge of the input clock. For divide by 3, the falling
edge of the second input clock cycle will determine
the falling edge of the output. For divide by 5, the
falling edge of the third input clock cycle. Refer to
Figure 1c.


Similar Part No. - SY89230UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89230UMGTR MICREL-SY89230UMGTR Datasheet
457Kb / 15P
   3.2GHz Precision, LVPECL 첨3, 첨5 Clock Divider
More results

Similar Description - SY89230UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89230U MICREL-SY89230U_10 Datasheet
457Kb / 15P
   3.2GHz Precision, LVPECL 첨3, 첨5 Clock Divider
SY89231U MICREL-SY89231U Datasheet
446Kb / 15P
   3.2GHz Precision, LVDS 첨3, 첨5 Clock Divider
SY89228U MICREL-SY89228U_10 Datasheet
551Kb / 16P
   1GHz Precision, LVPECL 첨3, 첨5 Clock Divider
SY89228U MICREL-SY89228U Datasheet
603Kb / 16P
   1GHz Precision, LVPECL 첨3, 첨5 Clock Divider with Fail-Safe Input and Internal Termination
SY89229U MICREL-SY89229U Datasheet
516Kb / 16P
   1GHz Precision, LVDS 첨3, 첨5 Clock Divider with Fail Safe Input and Internal Termination
logo
Renesas Technology Corp
8P73S674 RENESAS-8P73S674 Datasheet
479Kb / 16P
   1.8V LVPECL Clock Divider
0 Mar 2020
logo
Integrated Device Techn...
8P73S674 IDT-8P73S674_16 Datasheet
281Kb / 15P
   1.8V LVPECL Clock Divider
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
logo
Texas Instruments
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com