Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS122PW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS122PW
Description  1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS122PW Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVDS122PW Datasheet HTML 1Page - Texas Instruments SN65LVDS122PW Datasheet HTML 2Page - Texas Instruments SN65LVDS122PW Datasheet HTML 3Page - Texas Instruments SN65LVDS122PW Datasheet HTML 4Page - Texas Instruments SN65LVDS122PW Datasheet HTML 5Page - Texas Instruments SN65LVDS122PW Datasheet HTML 6Page - Texas Instruments SN65LVDS122PW Datasheet HTML 7Page - Texas Instruments SN65LVDS122PW Datasheet HTML 8Page - Texas Instruments SN65LVDS122PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
PIN ASSIGNMENT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
S0
1DE
S1
2A
2B
GND
VCC
VCC
1Y
1Z
2DE
2Z
2Y
GND
D OR PW PACKAGE
(TOP VIEW)
1Y / 1Z
1A / 1B
2A / 2B
2Y / 2Z
2DE
1DE
1Y / 1Z
1A / 1B
2A / 2B
2Y / 2Z
2DE
1DE
1Y / 1Z
1A / 1B
2A / 2B
2Y / 2Z
2DE
1DE
1Y / 1Z
1A / 1B
2A / 2B
2Y / 2Z
2DE
1DE
SN65LVDS122
SN65LVDT122
SLLS525B – MAY 2002 – REVISED JUNE 2004
Circuit Function Table
INPUTS(1)
OUTPUTS(1)
LOGIC DIAGRAM
1VID
2VID
S1
S0
1DE
2DE
1VOD
2VOD
X
X
X
X
L
L
Z
Z
> 100 mV
X
L
L
H
L
H
Z
< -100 mV
X
L
L
H
L
L
Z
< -100 mV
X
L
L
H
H
L
L
> 100 mV
X
L
L
H
H
H
H
> 100 mV
X
L
L
L
H
Z
H
< -100 mV
X
L
L
L
H
Z
L
> 100 mV
X
H
L
H
L
H
Z
< -100 mV
X
H
L
H
L
L
Z
< -100 mV
< -100 mV
H
L
H
H
L
L
< -100 mV
> 100 mV
H
L
H
H
L
H
> 100 mV
< -100 mV
H
L
H
H
H
L
> 100 mV
> 100 mV
H
L
H
H
H
H
X
> 100 mV
H
L
L
H
Z
H
X
< -100 mV
H
L
L
H
Z
L
X
> 100 mV
L
H
H
L
H
Z
X
< -100 mV
L
H
H
L
L
Z
X
< -100 mV
L
H
H
H
L
L
X
> 100 mV
L
H
H
H
H
H
X
> 100 mV
L
H
L
H
Z
H
X
< -100 mV
L
H
L
H
Z
L
X
> 100 mV
H
H
H
L
H
Z
X
< -100 mV
H
H
H
L
L
Z
< -100 mV
< -100 mV
H
H
H
H
L
L
< -100 mV
> 100 mV
H
H
H
H
H
L
> 100 mV
< -100 mV
H
H
H
H
L
H
> 100 mV
> 100 mV
H
H
H
H
H
H
> 100 mV
X
H
H
L
H
Z
H
< -100 mV
X
H
H
L
H
Z
L
(1)
H = high level, L = low level, Z = high impedance, X = don't care
5


Similar Part No. - SN65LVDS122PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS122PW TI-SN65LVDS122PW Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
SN65LVDS122PWR TI-SN65LVDS122PWR Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
SN65LVDS122PWR TI1-SN65LVDS122PWR Datasheet
931Kb / 23P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122PWRG4 TI-SN65LVDS122PWRG4 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
More results

Similar Description - SN65LVDS122PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS122 TI1-SN65LVDS122_14 Datasheet
931Kb / 23P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com