Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8567 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8567
Description  4 x 25 W BTL quad car radio power amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8567 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8567 Datasheet HTML 4Page - NXP Semiconductors TDA8567 Datasheet HTML 5Page - NXP Semiconductors TDA8567 Datasheet HTML 6Page - NXP Semiconductors TDA8567 Datasheet HTML 7Page - NXP Semiconductors TDA8567 Datasheet HTML 8Page - NXP Semiconductors TDA8567 Datasheet HTML 9Page - NXP Semiconductors TDA8567 Datasheet HTML 10Page - NXP Semiconductors TDA8567 Datasheet HTML 11Page - NXP Semiconductors TDA8567 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1998 Sep 23
8
Philips Semiconductors
Product specification
4
× 25 W BTL quad car radio power
amplifier
TDA8567Q
DC CHARACTERISTICS
VP = 14.4 V; Tamb =25 °C; measured in Fig.7; unless otherwise specified.
Notes
1. The circuit is DC adjusted at VP = 6 to 18 V and AC operating at VP = 8.5 to 18 V.
2. At 18V<VP < 30 V the DC output voltage ≤ 12VP.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
note 1
6
14.4
18
V
Iq(tot)
total quiescent current
RL = ∞−
230
360
mA
Operating condition
V15
mode select switch level
8.5
VP
V
I15
mode select switch current
V15 = 14.4 V
30
80
µA
VO
output voltage
note 2
7.0
V
∆V
O
output offset voltage
−−
150
mV
Mute condition
V15
mode select switch level
3.3
6.4
V
VO
output voltage
note 2
7.0
V
∆VO
output offset voltage
−−
150
mV
Standby condition
V15
mode select switch level
0
2V
Istb
standby current
0.2
100
µA
Diagnostic
V9
diagnostic output voltage
during any fault condition
−−
0.6
V
Tvj
temperature pre-warning
V9 = 0.6 V
145
−°C


Similar Part No. - TDA8567

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8560 PHILIPS-TDA8560 Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8561 PHILIPS-TDA8561 Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
More results

Similar Description - TDA8567

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8568Q PHILIPS-TDA8568Q Datasheet
256Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8569Q PHILIPS-TDA8569Q Datasheet
288Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1997 Mar 27
TDA8571J PHILIPS-TDA8571J Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA8569Q PHILIPS-TDA8569Q_15 Datasheet
206Kb / 18P
   4X40 W BTL quad car radio power amplifier
2003 Aug 08
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
TDA8591J PHILIPS-TDA8591J Datasheet
295Kb / 36P
   4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier
2002 Jan 14
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
logo
STMicroelectronics
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
   4 x 41 W quad bridge car radio amplifier
September 2013 Rev 2
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
   4 x 51 W quad bridge car radio amplifier
Rev 6 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com