Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC2117-1.8EDTR Datasheet(PDF) 10 Page - Microchip Technology

Part # TC2117-1.8EDTR
Description  800 mA Fixed Low Dropout Positive Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2117-1.8EDTR Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC2117-1.8EDTR Datasheet HTML 6Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 7Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 8Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 9Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 10Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 11Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 12Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 13Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TC2117
DS21665C-page 10
© 2006 Microchip Technology Inc.
3-Lead Plastic (EB) (DDPAK)
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
BOTTOM VIEW
TOP VIEW
E
D
b
b1
E1
D2
A
A1
c2
c
L
D1
e
α
φ
(5X)
L3
1
§ Significant Characteristic
Revised 07-19-05
Notes:
Mold Draft Angle
Dimensions D and E do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side.
α
Pitch
Number of Pins
Overall Width
Standoff
§
Molded Package Length
Exposed Pad Width
Overall Height
MAX
Units
Dimension Limits
A1
E1
D
E
e
A
.000
.256 REF
INCHES*
1.00 BSC
MIN
3
NOM
MAX
.010
0.00
6.50 REF
MILLIMETERS
.183
MIN
3
2.54 BSC
NOM
0.25
4.65
JEDEC equivalent: TO-252
4.50
.170
.005
0.13
Foot Length
L
.068
--
.110
1.73
--
2.79
Foot Angle
φ
--
--
b1
.049
.050
.051
1.24
1.27
1.30
.177
* Controlling Parameter
4.32
.385
.398
.410
9.78
10.11
10.41
Overall Length
D1
Upper Lead Width
Lead Thickness
c
.014
.020
.026
0.36
0.51
0.66
Pad Thickness
c2
.045
--
.055
1.14
--
1.40
Lower Lead Width
.037
b
.026
.032
0.66
0.81
0.94
--
--
--
--
Exposed Pad Length
D2
.303 REF
7.70 REF
Pad Length
L3
.045
--
.067
1.70
1.14
--
.370
.330
.350
9.40
8.38
8.89
.577
.549
.605
15.37
13.94
14.66
BSC: Basic Dimension. Theoretically, exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
See ASME Y14.5M
See ASME Y14.5M
Drawing No. C04-011


Similar Part No. - TC2117-1.8EDTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2117-1.8VDB MICROCHIP-TC2117-1.8VDB Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
TC2117-1.8VDBTR MICROCHIP-TC2117-1.8VDBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
TC2117-1.8VEBTR MICROCHIP-TC2117-1.8VEBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
More results

Similar Description - TC2117-1.8EDTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2117-33VDBTR MICROCHIP-TC2117-33VDBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
logo
Texas Instruments
LM1117 TI1-LM1117_16 Datasheet
2Mb / 36P
[Old version datasheet]   800-mA Low-Dropout Linear Regulator
logo
Galaxy Semi-Conductor H...
BLA1117 BILIN-BLA1117 Datasheet
149Kb / 6P
   800 mA Low-Dropout Linear Regulator
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
   800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
logo
Toshiba Semiconductor
TCR8BM TOSHIBA-TCR8BM Datasheet
1Mb / 15P
   800 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
International Rectifier
IRU1011-33 IRF-IRU1011-33 Datasheet
111Kb / 6P
   1.3A LOW DROPOUT POSITIVE FIXED REGULATOR
logo
Microchip Technology
TC2117 MICROCHIP-TC2117 Datasheet
447Kb / 12P
   800mA Fixed Low Dropout Positive Regulator
2002
logo
ON Semiconductor
MC33269D-33G ONSEMI-MC33269D-33G Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com