Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7660COA Datasheet(PDF) 11 Page - Microchip Technology

Part # TC7660COA
Description  5V To 짹10V Voltage Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660COA Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC7660COA Datasheet HTML 7Page - Microchip Technology TC7660COA Datasheet HTML 8Page - Microchip Technology TC7660COA Datasheet HTML 9Page - Microchip Technology TC7660COA Datasheet HTML 10Page - Microchip Technology TC7660COA Datasheet HTML 11Page - Microchip Technology TC7660COA Datasheet HTML 12Page - Microchip Technology TC7660COA Datasheet HTML 13Page - Microchip Technology TC7660COA Datasheet HTML 14Page - Microchip Technology TC7660COA Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21486C-page 11
TCM680
6.0
PACKAGING INFORMATION
6.1
Packaging Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
TCM680
CPA123
0231
TCM680
COA0231
123
Legend:
XX...X
Customer specific information*
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard OTP marking consists of Microchip part number, year code, week code, and traceability code.


Similar Part No. - TC7660COA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7660COA TELCOM-TC7660COA Datasheet
131Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660COA MICROCHIP-TC7660COA Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660COA MICROCHIP-TC7660COA Datasheet
386Kb / 18P
   Charge Pump DC-to-DC Voltage Converter
2002
TC7660COA MICROCHIP-TC7660COA Datasheet
1Mb / 20P
   Charge Pump DC-to-DC Voltage Converter
11/29/11
TC7660COA713 MICROCHIP-TC7660COA713 Datasheet
386Kb / 18P
   Charge Pump DC-to-DC Voltage Converter
2002
More results

Similar Description - TC7660COA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TCM680 TELCOM-TCM680 Datasheet
96Kb / 7P
   5V TO 짹10V VOLTAGE CONVERTER
logo
Maxim Integrated Produc...
MAX680 MAXIM-MAX680_V01 Datasheet
1Mb / 9P
   5V to 짹10V Voltage Converters
2019
MAX680 MAXIM-MAX680 Datasheet
84Kb / 8P
   5V to 짹10V Voltage Converters
Rev 1; 7/96
logo
Linear Technology
LTC1046 LINER-LTC1046 Datasheet
172Kb / 12P
   ?쏧nductorless??5V to 5V Converter
LTC1046 LINER-LTC1046_15 Datasheet
187Kb / 12P
   5V to ??V Converter
logo
List of Unclassifed Man...
SLTS113 ETC1-SLTS113 Datasheet
121Kb / 5P
   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Texas Instruments
PT6905A TI1-PT6905A Datasheet
439Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6910 TI-PT6910 Datasheet
131Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Maxim Integrated Produc...
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
   Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
   1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com