Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8562 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8562
Description  4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8562 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8562 Datasheet HTML 2Page - NXP Semiconductors TDA8562 Datasheet HTML 3Page - NXP Semiconductors TDA8562 Datasheet HTML 4Page - NXP Semiconductors TDA8562 Datasheet HTML 5Page - NXP Semiconductors TDA8562 Datasheet HTML 6Page - NXP Semiconductors TDA8562 Datasheet HTML 7Page - NXP Semiconductors TDA8562 Datasheet HTML 8Page - NXP Semiconductors TDA8562 Datasheet HTML 9Page - NXP Semiconductors TDA8562 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
July 1994
6
Philips Semiconductors
Product specification
4 x 12 W single-ended car radio power amplifier with
dynamic distortion detector and diagnostic interface
TDA8562Q
LIMITING VALUES
In accordance with the absolute maximum system (IEC 134).
THERMAL RESISTANCE
In accordance with IEC 747-1.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
positive supply voltage
operating
18
V
non-operating
30
V
load dump protection
during 50 ms;
45
V
tr ≥ 2.5 ms
IOSM
non-repetitive peak output current
6A
IORM
repetitive peak output current
4A
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Tvj
virtual junction temperature
150
°C
Vpsc
AC and DC short-circuit safe voltage
18
V
Vpr
reverse polarity
6V
Ptot
total power dissipation
60
W
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-a
from junction to ambient in free air
40 K/W
Rth j-c
from junction to case (see Fig.5)
1.3 K/W
Fig.5 Equivalent thermal resistance network.
handbook, halfpage
3.0 K/W
0.7 K/W
3.0 K/W
virtual junction
output 1
output 2
case
3.0 K/W
0.7 K/W
3.0 K/W
output 3
output 4
MEA860 - 2
0.2 K/W


Similar Part No. - TDA8562

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8560 PHILIPS-TDA8560 Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8561 PHILIPS-TDA8561 Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
More results

Similar Description - TDA8562

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8565Q PHILIPS-TDA8565Q Datasheet
104Kb / 14P
   4 x 12 W single-ended car radio power amplifier with diagnostic interface
1995 Dec 08
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA1555Q PHILIPS-TDA1555Q Datasheet
112Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier with distortion detector
May 1992
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
TDA1020 PHILIPS-TDA1020 Datasheet
69Kb / 9P
   12 W car radio power amplifier
November 1982
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA8567Q PHILIPS-TDA8567Q Datasheet
257Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com