Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC553301EMB713 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC553301EMB713
Description  1 關A Low Dropout Positive Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC553301EMB713 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC553301EMB713 Datasheet HTML 3Page - Microchip Technology TC553301EMB713 Datasheet HTML 4Page - Microchip Technology TC553301EMB713 Datasheet HTML 5Page - Microchip Technology TC553301EMB713 Datasheet HTML 6Page - Microchip Technology TC553301EMB713 Datasheet HTML 7Page - Microchip Technology TC553301EMB713 Datasheet HTML 8Page - Microchip Technology TC553301EMB713 Datasheet HTML 9Page - Microchip Technology TC553301EMB713 Datasheet HTML 10Page - Microchip Technology TC553301EMB713 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21435F-page 7
TC55
Note: Unless otherwise indicated, VOUT(S) = 3.0V, 5.0V, TA = +25°C, CIN = 1 µF Tantalum, COUT = 1 µF Tantalum.
FIGURE 2-7:
Supply Current vs.
Operating Temperature (TC55RP3002).
FIGURE 2-8:
Load Transient Response
(TC55RP3002).
FIGURE 2-9:
Output Voltage vs. Output
Current (TC55RP5002).
FIGURE 2-10:
Output Voltage vs. Input
Voltage (TC55RP5002).
FIGURE 2-11:
Output Voltage vs. Input
Voltage (TC55RP5002).
FIGURE 2-12:
Dropout Voltage vs. Output
Current (TC55RP5002).
0.9
0.8
0.7
0.6
0.5
-20
0
20
-40
OPERATING TEMPERATURE (
°C)
1.2
1.1
1.0
1.5
1.4
1.8
40
60
80 100
VIN = 4.0V
TIME (2 msec/div)
4
3
2
1
0
40 mA
1 mA
5
200
160
120
80
40
0
Output Current
Output Voltage
OUTPUT CURRENT IOUT (mA)
4.9
4.8
4.7
40
80
0
200
160
5.0
5.1
120
80
°C
25
°C
-30
°C
VIN = 6.0V
INPUT VOLTAGE VIN (V)
TOPR = 25°C
4.8
4.6
4.4
4.2
5.0
5.5
4.5
5.0
5.2
IOUT = 1 mA
10 mA
40 mA
INPUT VOLTAGE VIN (V)
TOPR = 25°C
5.01
5.00
4.99
4.97
4.98
4.95
4.98
67
8
9
10
5
5.03
5.02
5.04
5.05
IOUT = 1 mA
OUTPUT CURRENT IOUT (mA)
1.0
0.8
0.6
0.4
0.2
0.0
-0.2
40
80
0
200
160
1.4
1.2
2.0
1.8
1.6
120
-30
°C
25
°C
80
°C


Similar Part No. - TC553301EMB713

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55328AJ TOSHIBA-TC55328AJ Datasheet
368Kb / 7P
   32,768 WORD x 8 BIT CMOS STATIC RAM
TC55328AJ-15 TOSHIBA-TC55328AJ-15 Datasheet
368Kb / 7P
   32,768 WORD x 8 BIT CMOS STATIC RAM
TC55328AJ-20 TOSHIBA-TC55328AJ-20 Datasheet
368Kb / 7P
   32,768 WORD x 8 BIT CMOS STATIC RAM
TC55328AJ-25 TOSHIBA-TC55328AJ-25 Datasheet
368Kb / 7P
   32,768 WORD x 8 BIT CMOS STATIC RAM
TC55328AJ-35 TOSHIBA-TC55328AJ-35 Datasheet
368Kb / 7P
   32,768 WORD x 8 BIT CMOS STATIC RAM
More results

Similar Description - TC553301EMB713

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
   1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
Microchip Technology
MCP1701A MICROCHIP-MCP1701A Datasheet
606Kb / 22P
   2關A Low-Dropout Positive Voltage Regulator
2007
MCP1701 MICROCHIP-MCP1701_05 Datasheet
259Kb / 20P
   2 關A Low Dropout Positive Voltage Regulator
2005
logo
Texas Instruments
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV TI1-TLV1117LV Datasheet
637Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
SEPTEMBER2011
TLV1117LV33DCYT TI-TLV1117LV33DCYT Datasheet
903Kb / 19P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1117LV12 TI1-TLV1117LV12 Datasheet
698Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1171 TI-TLV1171_15 Datasheet
805Kb / 18P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com