Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8561Q Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8561Q
Description  2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8561Q Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8561Q Datasheet HTML 3Page - NXP Semiconductors TDA8561Q Datasheet HTML 4Page - NXP Semiconductors TDA8561Q Datasheet HTML 5Page - NXP Semiconductors TDA8561Q Datasheet HTML 6Page - NXP Semiconductors TDA8561Q Datasheet HTML 7Page - NXP Semiconductors TDA8561Q Datasheet HTML 8Page - NXP Semiconductors TDA8561Q Datasheet HTML 9Page - NXP Semiconductors TDA8561Q Datasheet HTML 10Page - NXP Semiconductors TDA8561Q Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1999 Jun 30
7
Philips Semiconductors
Product specification
2
× 24 W BTL or 4 × 12 W single-ended
car radio power amplifier
TDA8561Q
THERMAL CHARACTERISTICS
In accordance with IEC 747-1.
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
40
K/W
Rth j-c
thermal resistance from junction to case (see Figs 6 and 7)
1.3
K/W
Fig.6
Equivalent thermal resistance network;
BTL application.
handbook, halfpage
2.2 K/W
0.2 K/W
2.2 K/W
virtual junction
output 1
output 2
case
MEA861 - 1
Fig.7
Equivalent thermal resistance network;
single-ended application.
handbook, halfpage
3.0 K/W
0.7 K/W
3.0 K/W
virtual junction
output 1
output 2
case
3.0 K/W
0.7 K/W
3.0 K/W
output 3
output 4
MEA860 - 2
0.2 K/W


Similar Part No. - TDA8561Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
More results

Similar Description - TDA8561Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1516BQ PHILIPS-TDA1516BQ Datasheet
95Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1518BQ PHILIPS-TDA1518BQ Datasheet
80Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8591J PHILIPS-TDA8591J Datasheet
295Kb / 36P
   4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier
2002 Jan 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com