Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR16KM-12LB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BCR16KM-12LB
Description  Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR16KM-12LB Datasheet(HTML) 1 Page - Renesas Technology Corp

  BCR16KM-12LB Datasheet HTML 1Page - Renesas Technology Corp BCR16KM-12LB Datasheet HTML 2Page - Renesas Technology Corp BCR16KM-12LB Datasheet HTML 3Page - Renesas Technology Corp BCR16KM-12LB Datasheet HTML 4Page - Renesas Technology Corp BCR16KM-12LB Datasheet HTML 5Page - Renesas Technology Corp BCR16KM-12LB Datasheet HTML 6Page - Renesas Technology Corp BCR16KM-12LB Datasheet HTML 7Page - Renesas Technology Corp BCR16KM-12LB Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.1.00, Aug.20.2004, page 1 of 7
BCR16KM-12LB
Triac
Medium Power Use
REJ03G0327-0100
Rev.1.00
Aug.20.2004
Features
• I
T (RMS) : 16 A
• V
DRM : 600 V
• I
FGTI , IRGTI, IRGTⅢ : 30 mA (20 mA)
Note5
• Viso : 2000 V
• The product guaranteed maximum junction
temperature 150
°C.
• Insulated Type
• Planar Passivation Type
• Refer to the recommended circuit values around the
triac before using.
Outline
2
1
3
1. T1 Terminal
2. T2 Terminal
3. Gate Terminal
TO-220FN
1
3
2
Applications
Switching mode power supply, copying machine, motor control, heater control, and other general purpose control
applications
Maximum Ratings
Voltage class
Parameter
Symbol
12
Unit
Repetitive peak off-state voltage
Note1
VDRM
600
V
Non-repetitive peak off-state voltage
Note1
VDSM
720
V


Similar Part No. - BCR16KM-12LB

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BCR16KM-12LB KERSEMI-BCR16KM-12LB Datasheet
673Kb / 7P
   Planar Passivation Type
BCR16KM-12LB-A8 KERSEMI-BCR16KM-12LB-A8 Datasheet
673Kb / 7P
   Planar Passivation Type
More results

Similar Description - BCR16KM-12LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com