Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QR-50DA Datasheet(PDF) 1 Page - Tyco Electronics

Part # QR-50DA
Description  HARTMAN Aerospace Power Products .25 Amp, 115 VAC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

QR-50DA Datasheet(HTML) 1 Page - Tyco Electronics

  QR-50DA Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CONTACTOR CONFIGURATION
AC Current Sensor
QR-50DA SPST, .25 Amp, 115 VAC
PRODUCT SPECIFICATIONS
Operating Characteristics
Operating Voltage
115 VAC, 1 Phase, 400 Hz
Pick-Up
0.3
±.1 Amp AC
Continuous
3 Amps AC Maximum
Contact Rating
.25 Amp 28 VDC
Lamp Load
.080 Amp 28 VDC
Temperature
-55
°C to +71°C
Vibration
10 G'S to 500 Hz
Altitude
50,000 Feet Maximum
Weight Maximum
4 Oz.
Features:
• SPST Main Contacts
• Current Indicator
• Epoxy Encapsulated
• 115 VAC
• .25 Amp
• High Reliability
• Meets many requirements of MIL-R-6106
• Light Weight Construction
Notes:
Catalog (web doc only)
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 5-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HARTMAN Aerospace Power Products
Dimensions for this product are expressed in inches.
Multiply values by 25.4 for millimeters.
For factory-direct application assistance, contact the HARTMAN
product team at (419) 521-9500, Fax (419) 526-2749.
© 2004 by Tyco Electronics Corporation. All Rights Reserved.
HARTMAN and TYCO are trademarks.


Similar Part No. - QR-50DA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
QR-50AF MACOM-QR-50AF Datasheet
58Kb / 1P
   HARTMAN Aerospace Power Products
More results

Similar Description - QR-50DA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
N-208 MACOM-N-208 Datasheet
45Kb / 1P
   HARTMAN Aerospace Power Products
SD167A MACOM-SD167A Datasheet
34Kb / 1P
   HARTMAN Aerospace Power Products
Q-50B MACOM-Q-50B Datasheet
90Kb / 1P
   HARTMAN Aerospace Power Products
SA106E MACOM-SA106E Datasheet
53Kb / 1P
   HARTMAN Aerospace Power Products
SDH128 MACOM-SDH128 Datasheet
31Kb / 1P
   HARTMAN Aerospace Power Products
Q-50AC MACOM-Q-50AC Datasheet
82Kb / 1P
   HARTMAN Aerospace Power Products
A-751YC MACOM-A-751YC Datasheet
54Kb / 1P
   HARTMAN Aerospace Power Products
SA120B MACOM-SA120B Datasheet
41Kb / 1P
   HARTMAN Aerospace Power Products
QR-50AF MACOM-QR-50AF Datasheet
58Kb / 1P
   HARTMAN Aerospace Power Products
B-125N MACOM-B-125N Datasheet
50Kb / 1P
   HARTMAN Aerospace Power Products 3PST N.O., 150 Amps, 208 VAC, 400 Hz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com