Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7135 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC7135
Description  4-1/2 Digit A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7135 Datasheet(HTML) 4 Page - Microchip Technology

  TC7135_04 Datasheet HTML 1Page - Microchip Technology TC7135_04 Datasheet HTML 2Page - Microchip Technology TC7135_04 Datasheet HTML 3Page - Microchip Technology TC7135_04 Datasheet HTML 4Page - Microchip Technology TC7135_04 Datasheet HTML 5Page - Microchip Technology TC7135_04 Datasheet HTML 6Page - Microchip Technology TC7135_04 Datasheet HTML 7Page - Microchip Technology TC7135_04 Datasheet HTML 8Page - Microchip Technology TC7135_04 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TC7135
DS21460C-page 4
 2004 Microchip Technology Inc.
Power Supply
Positive Supply Voltage
V+
4
5
6
V
Negative Supply Voltage
V-
-3
-5
-8
V
Positive Supply Current
I+
1
3
mA
FCLK = 0 Hz
Negative Supply Current
I-
0.7
3
mA
FCLK = 0 Hz
Power Dissipation
PD
8.5
30
mW
FCLK = 0 Hz
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, TA = +25°C, FCLOCK = 120 kHz, V+ = +5V, V- = -5V.
(see Functional Block Diagram).
Parameters
Sym
Min.
Typ.
Max.
Units
Conditions
Note
1:
Limit input current to under 100 µA if input voltages exceed supply voltage.
2:
Full-scale voltage = 2V
3:
VIN = 0V
4:
30°C
≤ T
A ≤ +70°C
5:
External reference temperature coefficient less than 0.01 ppm/°C.
6:
-2V
≤ V
IN ≤ +2V. Error of reading from best fit straight line.
7:
IVIN| = 1.9959
8:
Specification related to clock frequency range over which the
TC7135 correctly performs its various functions.
Increased errors result at higher operating frequencies.


Similar Part No. - TC7135_04

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7135CBU TELCOM-TC7135CBU Datasheet
224Kb / 13P
   4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER
logo
Microchip Technology
TC7135CBU MICROCHIP-TC7135CBU Datasheet
533Kb / 22P
   4-1/2 Digit A/D Converter
2002
logo
TelCom Semiconductor, I...
TC7135CLI TELCOM-TC7135CLI Datasheet
224Kb / 13P
   4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER
logo
Microchip Technology
TC7135CLI MICROCHIP-TC7135CLI Datasheet
533Kb / 22P
   4-1/2 Digit A/D Converter
2002
logo
TelCom Semiconductor, I...
TC7135CPI TELCOM-TC7135CPI Datasheet
224Kb / 13P
   4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - TC7135_04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7135 MICROCHIP-TC7135 Datasheet
533Kb / 22P
   4-1/2 Digit A/D Converter
2002
logo
Intersil Corporation
ICL71C03 INTERSIL-ICL71C03 Datasheet
168Kb / 19P
   Precision 4 1/2 Digit, A/D Converter
ICL8052A INTERSIL-ICL8052A Datasheet
582Kb / 23P
   Precision 4 1/2 Digit, A/D Converter
logo
List of Unclassifed Man...
LD120 ETC-LD120 Datasheet
2Mb / 9P
   4 1/2 Digit A/D Converter Set
logo
Renesas Technology Corp
ICL7135 RENESAS-ICL7135 Datasheet
800Kb / 15P
   4 1/2 Digit, BCD Output, A/D Converter
logo
Intersil Corporation
ICL7135 INTERSIL-ICL7135 Datasheet
733Kb / 15P
   4 1/2 Digit, BCD Output, A/D Converter
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Intersil Corporation
HI-7159A INTERSIL-HI-7159A Datasheet
210Kb / 14P
   Microprocessor-Compatible, 5-1/2 Digit A/D Converter
January 1999
logo
List of Unclassifed Man...
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com