Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89V660FA Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P89V660FA
Description  8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V660FA Datasheet(HTML) 2 Page - NXP Semiconductors

  P89V660FA Datasheet HTML 1Page - NXP Semiconductors P89V660FA Datasheet HTML 2Page - NXP Semiconductors P89V660FA Datasheet HTML 3Page - NXP Semiconductors P89V660FA Datasheet HTML 4Page - NXP Semiconductors P89V660FA Datasheet HTML 5Page - NXP Semiconductors P89V660FA Datasheet HTML 6Page - NXP Semiconductors P89V660FA Datasheet HTML 7Page - NXP Semiconductors P89V660FA Datasheet HTML 8Page - NXP Semiconductors P89V660FA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 89 page
background image
P89V660_662_664_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 2 May 2007
2 of 89
NXP Semiconductors
P89V660/662/664
80C51 with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
I Idle mode
2.3 Comparison to the P89C660/662/664 devices
I SPI interface. The P89V660/662/664 devices include an SPI interface that was not
present on the P89C660/662/664 devices.
I Dual I2C-bus interfaces. The P89V660/662/664 devices have two I2C-bus interfaces.
The P89C660/662/664 devices have one.
I More I/O pins. The P89V660/662/664 devices have an additional four-bit I/O port,
Port 4.
I The 6x/12x mode on theP89V660/662/664 devices is programmable and erasable
using ISP and IAP as well as parallel programmer mode. The P89C660/662/664
devices could only be switched using parallel programmer mode.
I Smaller block sizes. The smallest block size on the P89C660/662/664 devices was
8 kB. The P89V660/662/664 devices have a page size of 128 B. These small pages
can be erased and reprogrammed using IAP function calls making use of the code
memory for non-volatile data storage practical. Each page erase is 30 ms or less. The
IAP and ISP code in P89V660/662/664 devices support these 128-byte page
operations. In addition, the IAP and ISP code uses multiple page erase operations to
emulate the erasing of the larger block sizes (8 kB and 16 kB to maintain firmware
compatibility).
I Status bit versus Status byte. The P89V660/662/664 devices used a Status byte to
control the automatic entry into ISP mode following a reset. On the P89V660/662/664
devices this has changed to a single Status bit. Since the ISP entry was based on the
zero/non-zero value of the Status byte this is an almost identical operation on the
P89V660/662/664 devices.
I Faster block erase. The erase time for the entire user code memory of the
P89V660/662/664 devices is 150 ms.
3.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
P89V660FA
PLCC44
plastic leaded chip carrier; 44 leads
SOT187-2
P89V660FBC
TQFP44
plastic thin quad flat package; 44 leads; body
10
× 10 × 1.0 mm
SOT376-1
P89V662FA
PLCC44
plastic leaded chip carrier; 44 leads
SOT187-2
P89V662FBC
TQFP44
plastic thin quad flat package; 44 leads; body
10
× 10 × 1.0 mm
SOT376-1
P89V664FA
PLCC44
plastic leaded chip carrier; 44 leads
SOT187-2
P89V664FBC
TQFP44
plastic thin quad flat package; 44 leads; body
10
× 10 × 1.0 mm
SOT376-1


Similar Part No. - P89V660FA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89V660FA NXP-P89V660FA Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
P89V660FA NXP-P89V660FA Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 03-10 November 2008
More results

Similar Description - P89V660FA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89V664FA512 NXP-P89V664FA512 Datasheet
720Kb / 90P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 3.1-17 October 2011
P89V660_0811 NXP-P89V660_0811 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 03-10 November 2008
P89V660 NXP-P89V660_08 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89V51RB2 NXP-P89V51RB2 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89LV51RB2 PHILIPS-P89LV51RB2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com