Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC623CEOA Datasheet(PDF) 5 Page - Microchip Technology

Part # TC623CEOA
Description  3V, Dual Trip Point Temperature Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC623CEOA Datasheet(HTML) 5 Page - Microchip Technology

  TC623CEOA Datasheet HTML 1Page - Microchip Technology TC623CEOA Datasheet HTML 2Page - Microchip Technology TC623CEOA Datasheet HTML 3Page - Microchip Technology TC623CEOA Datasheet HTML 4Page - Microchip Technology TC623CEOA Datasheet HTML 5Page - Microchip Technology TC623CEOA Datasheet HTML 6Page - Microchip Technology TC623CEOA Datasheet HTML 7Page - Microchip Technology TC623CEOA Datasheet HTML 8Page - Microchip Technology TC623CEOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2006 Microchip Technology Inc.
DS21441C-page 5
TC623
4.0
TYPICAL APPLICATIONS
4.1
Mounting
If the TC623 is used to measure the temperature of
another device, it is important that the top surface of the
TC623 package be in intimate contact with the
measured device. Good thermal conductivity and no air
space is critical to accurate temperature measurement
in applications of this type.
4.2
Trip Point Programming
The resistance values required for the HIGH SET and
LOW SET inputs are calculated using the formula
below:
For example, to program a trip point of 50°C, the
programming resistor is:
RTRIP = 0.5997 x T
2.1312
Where;
RTRIP = Programming resistor value in Ohms
T = Desired trip temperature in degrees Kelvin.
RTRIP = 0.5997 x (50 + 273.15)
2.1312) = 133.65 k
Ω


Similar Part No. - TC623CEOA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC623CEOA TELCOM-TC623CEOA Datasheet
41Kb / 3P
   3V, DUAL TRIP POINT TEMPERATURE SENSOR
logo
Microchip Technology
TC623CEOA MICROCHIP-TC623CEOA Datasheet
422Kb / 12P
   3V, Dual Trip Point Temperature Sensor
2002
TC623CEOA MICROCHIP-TC623CEOA Datasheet
141Kb / 12P
   3V, Dual Trip Point Temperature Sensor
11/29/12 2001-2012
More results

Similar Description - TC623CEOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC623 MICROCHIP-TC623_13 Datasheet
141Kb / 12P
   3V, Dual Trip Point Temperature Sensor
11/29/12 2001-2012
logo
ON Semiconductor
MC623 ONSEMI-MC623 Datasheet
71Kb / 4P
   3V, Dual Trip Point Temperature Sensor
February, 2000 ??Rev. 0
logo
Microchip Technology
TC623 MICROCHIP-TC623 Datasheet
422Kb / 12P
   3V, Dual Trip Point Temperature Sensor
2002
logo
TelCom Semiconductor, I...
TC623 TELCOM-TC623 Datasheet
41Kb / 3P
   3V, DUAL TRIP POINT TEMPERATURE SENSOR
logo
ON Semiconductor
MC642.REV3 ONSEMI-MC642.REV3 Datasheet
65Kb / 5P
   3.0 V, Dual Trip Point Temperature Sensor
February, 2003 - Rev. 3
logo
Microchip Technology
TC620CEOA713 MICROCHIP-TC620CEOA713 Datasheet
276Kb / 14P
   5V Dual Trip Point Temperature Sensors
10/31/05
TC620 MICROCHIP-TC620_13 Datasheet
195Kb / 16P
   5V, Dual Trip Point Temperature Sensors
2001-2012 11/29/12
logo
TelCom Semiconductor, I...
TC622 TELCOM-TC622 Datasheet
42Kb / 3P
   LOW COST, SINGLE TRIP POINT TEMPERATURE SENSOR
logo
Microchip Technology
TC620 MICROCHIP-TC620 Datasheet
450Kb / 14P
   5V, Dual Trip Point Temperature Sensors
2012
logo
TelCom Semiconductor, I...
TC620 TELCOM-TC620 Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com