Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC54VX30 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC54VX30
Description  Voltage Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC54VX30 Datasheet(HTML) 1 Page - Microchip Technology

  TC54VX30 Datasheet HTML 1Page - Microchip Technology TC54VX30 Datasheet HTML 2Page - Microchip Technology TC54VX30 Datasheet HTML 3Page - Microchip Technology TC54VX30 Datasheet HTML 4Page - Microchip Technology TC54VX30 Datasheet HTML 5Page - Microchip Technology TC54VX30 Datasheet HTML 6Page - Microchip Technology TC54VX30 Datasheet HTML 7Page - Microchip Technology TC54VX30 Datasheet HTML 8Page - Microchip Technology TC54VX30 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2004 Microchip Technology Inc.
DS21434G-page 1
TC54
Features
• Precise Detection Thresholds: Standard ±2.0%,
Custom ±1.0%
• Small Packages: 3-Pin SOT-23A, 3-Pin SOT-89,
TO-92 and 5-Pin SOT-23A (7.7V only)
• Low Current Drain: Typ. 1 µA
• Wide Detection Range: 1.1V to 6.0V and 7.7V
• Wide Operating Voltage Range: 0.7V to 10V
Applications
• Battery Voltage Monitoring
• Microprocessor Reset
• System Brown-Out Protection
• Switching Circuit in Battery Backup
• Level Discriminator
Functional Block Diagram
General Description
The TC54 series are CMOS voltage detectors that are
especially well suited for battery-powered applications
because of their extremely low 1 µA operating current
and small surface-mount packaging. Each part is laser-
trimmed to the desired threshold voltage, which can be
specified from 1.4V to 7.7V for a 2% tolerance and from
1.5V to 6.0V for a 1% tolerance.
The device includes a comparator, low-current high-
precision reference, laser-trimmed divider, hysteresis
circuit and output driver. The TC54 is available with
either an open-drain or complementary output stage.
During operation, the TC54's output (VOUT) remains in
the logic-high state as long as VIN is greater than the
specified threshold voltage (VDET –). When VIN falls
below VDET –, the output is driven to a logic-low. VOUT
remains low until VIN rises above VDET – by an amount
VHYST, whereupon it resets to a logic-high.
Package Types
VOUT
TC54VC only
VSS
1
3
+
VIN
2
TC54VN has open-drain output.
TC54VC has complementary output.
VREF
1
3
2
VIN VSS
VOUT
TC54
3-Pin SOT-89
5
5-Pin SOT-23A
TC54
1
3
4
2
NC
NC
Note:
3-Pin SOT-23A is equivalent to the
EIAJ SC-59
5-Pin SOT-23A is equivalent to the
EIAJ SC-74A. (7.7V ONLY)
3-Pin TO-92
12 3
VSS
VIN
VOUT
VIN
VOUT
VSS
3
12
TC54
3-Pin SOT-23A
VIN
VIN VSS
VOUT
VOUT
VSS
Voltage Detector


Similar Part No. - TC54VX30

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC54VC MICROCHIP-TC54VC Datasheet
257Kb / 20P
   CMOS voltage detectors that are especially well suited for battery-powered
2001-2011
TC54VC MICROCHIP-TC54VC Datasheet
172Kb / 16P
   Voltage Detector
10/05/07
TC54VC1101ECBTR MICROCHIP-TC54VC1101ECBTR Datasheet
215Kb / 12P
   Voltage Detector
2002
TC54VC1101ECTTR MICROCHIP-TC54VC1101ECTTR Datasheet
215Kb / 12P
   Voltage Detector
2002
TC54VC1101EMBTR MICROCHIP-TC54VC1101EMBTR Datasheet
215Kb / 12P
   Voltage Detector
2002
More results

Similar Description - TC54VX30

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com