Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC54 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC54
Description  Voltage Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC54 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC54_04 Datasheet HTML 4Page - Microchip Technology TC54_04 Datasheet HTML 5Page - Microchip Technology TC54_04 Datasheet HTML 6Page - Microchip Technology TC54_04 Datasheet HTML 7Page - Microchip Technology TC54_04 Datasheet HTML 8Page - Microchip Technology TC54_04 Datasheet HTML 9Page - Microchip Technology TC54_04 Datasheet HTML 10Page - Microchip Technology TC54_04 Datasheet HTML 11Page - Microchip Technology TC54_04 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TC54
DS21434G-page 8
 2004 Microchip Technology Inc.
Package Marking Information (Continued)
Symbol
Output
CCMOS
N
N-Channel
Symbol
Voltage
22.
33.
44.
55.
66.
Symbol
Voltage
Symbol
Voltage
0.0
5.5
1.1
6.6
2.2
7.7
3.3
8.8
4.4
9.9
Symbol
Delay Time
0No Delay
Symbol
Accuracy
1
±1.0% (custom)
2
±2.0% (standard)
3-Pin TO-92
8
4
7
3
6
2
5
1
= 54X (fixed)
1 , 2 , & 3
4
represents output configuration (CMOS or Nch)
Ex: CMOS 3.x = C
5
represents first integer of detect voltage
6
represents first decimal of detect voltage
7
represents the output Delay Time
respresents the device accuracy
8


Similar Part No. - TC54_04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
More results

Similar Description - TC54_04

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com