Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2168AYMM Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2168AYMM
Description  1MHz PWM Synchronous Buck Control IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2168AYMM Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2168AYMM Datasheet HTML 6Page - Micrel Semiconductor MIC2168AYMM Datasheet HTML 7Page - Micrel Semiconductor MIC2168AYMM Datasheet HTML 8Page - Micrel Semiconductor MIC2168AYMM Datasheet HTML 9Page - Micrel Semiconductor MIC2168AYMM Datasheet HTML 10Page - Micrel Semiconductor MIC2168AYMM Datasheet HTML 11Page - Micrel Semiconductor MIC2168AYMM Datasheet HTML 12Page - Micrel Semiconductor MIC2168AYMM Datasheet HTML 13Page - Micrel Semiconductor MIC2168AYMM Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
April 2005
11
M9999-062205
MIC2168A
Micrel, Inc.
100
1.103
1.104
1.105
1.106
60
37.5
15
7.5
30
30
60
1000000
100
f
Figure 4. The Gain Curve for G(s)
100
1.103
10
10
1.104
10
10
1.105
10
10
1.106
10
10
150
100
50
0
0
180
1000000
100
f
Figure 5. Phase Curve for G(s)
It can be seen from the transfer function G(s) and the gain
curve that the output inductor and capacitor create a two pole
system with a break frequency at:
1
=
f
C
ff
2 × π √ L × C
OUT
Therefore, fLC = 3.6kHz
By looking at the phase curve, it can be seen that the output
capacitor ESR (0.050Ω) cancels one of the two poles (LCOUT)
system by introducing a zero at:
1
=
f
ZERO
ff
2 × π × ESR × C
OUT
Therefore, FZERO = 6.36kHz.
From the point of view of compensating the voltage loop, it is
recommendedtousehigherESRoutputcapacitorssincethey
provide a 90° phase gain in the power path. For comparison
purposes, Figure 6, shows the same phase curve with an
ESR value of 0.002Ω.
100
1.103
1.104
1.105
1.106
150
100
50
0
0
180
1000000
100
f
Figure 6. The Phase Curve with ESR = 0.002Ω
It can be seen from Figure 5 that at 50kHz, the phase is
approximately –90° versus Figure 6 where the number is
–150°. This means that the transconductance error ampli-
fier has to provide a phase boost of about 45° to achieve a
closed loop phase margin of 45° at a crossover frequency
of 50kHz for Figure 4, versus 105° for Figure 6. The simple
RC and C2 compensation scheme allows a maximum error
amplifier phase boost of about 90°. Therefore, it is easier to
stabilize the MIC2168A voltage control loop by using high
ESR value output capacitors.
gm Error Amplifier
It is undesirable to have high error amplifier gain at high
frequencies because high frequency noise spikes would be
picked up and transmitted at large amplitude to the output,
thus, gain should be permitted to fall off at high frequencies.
At low frequency, it is desired to have high open-loop gain to
attenuate the power line ripple. Thus, the error amplifier gain
should be allowed to increase rapidly at low frequencies.
The transfer function with R1, C1, and C2 for the internal
gm error amplifier can be approximated by the following
equation:
1+ R1 × S × C1
×
g
m
s × (C1 + C2)
Error Amplifier (z) -


1 + R1 × C1
× C2 × S
C1 + C2
The above equation can be simplified by assuming
C2<<C1,
1+ R1 × S × C1
×
g
m
s × (C1)(1+ R1 × C2 × S)
Error Amplifier (z) -


From the above transfer function, one can see that R1 and
C1 introduce a zero and R1 and C2 a pole at the following
frequencies:
Fzero= 1/2 π × R1 × C1
Fpole = 1/2 π × C2 × R1
Fpole@origin = 1/2 π × C1
Figures 7 and 8 show the gain and phase curves for the above
transfer function with R1 = 9.3k, C1 = 1000pF, C2 = 100pF,
and gm = .005Ω–1. It can be seen that at 50kHz, the error
amplifier exhibits approximately 45° of phase margin.


Similar Part No. - MIC2168AYMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2168AYMM MICREL-MIC2168AYMM Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
More results

Similar Description - MIC2168AYMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168 MICREL-MIC2168_05 Datasheet
1Mb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2168 MICREL-MIC2168 Datasheet
159Kb / 14P
   1MHZ PWM SYNCHRONOUS BUCK CONTROL IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169 MICREL-MIC2169_09 Datasheet
207Kb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B Datasheet
554Kb / 24P
   500kHz PWM Synchronous Buck Control IC
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC
MIC2169 MICREL-MIC2169 Datasheet
160Kb / 14P
   500 KHZ PWM SYNCHRONOUS BUCK CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com