Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAXQ3100 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAXQ3100
Description  Mixed-Signal Microcontroller with Analog Comparators, LCD, and RTC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3100 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAXQ3100 Datasheet HTML 7Page - Maxim Integrated Products MAXQ3100 Datasheet HTML 8Page - Maxim Integrated Products MAXQ3100 Datasheet HTML 9Page - Maxim Integrated Products MAXQ3100 Datasheet HTML 10Page - Maxim Integrated Products MAXQ3100 Datasheet HTML 11Page - Maxim Integrated Products MAXQ3100 Datasheet HTML 12Page - Maxim Integrated Products MAXQ3100 Datasheet HTML 13Page - Maxim Integrated Products MAXQ3100 Datasheet HTML 14Page - Maxim Integrated Products MAXQ3100 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Mixed-Signal Microcontroller with Analog
Comparators, LCD, and RTC
______________________________________________________________________________________
11
Table 1. System Register Map
MODULE NAME (BASE SPECIFIER)
REGISTER
INDEX
AP
(8h)
A
(9h)
PFX
(Bh)
IP
(Ch)
SP
(Dh)
DPC
(Eh)
DP
(Fh)
0h
AP
A[0]
PFX
IP
1h
APC
A[1]
SP
2h
A[2]
IV
3h
A[3]
Offs
DP[0]
4h
PSF
A[4]
DPC
5h
IC
A[5]
GR
6h
IMR
A[6]
LC[0]
GRL
7h
A[7]
LC[1]
BP
DP[1]
8h
SC
A[8]
GRS
9h
A[9]
GRH
Ah
A[10]
GRXL
Bh
IIR
A[11]
BP[offs]
Ch
A[12]
Dh
A[13]
Eh
CKCN
A[14]
Fh
WDCN
A[15]
Note: Names that appear in italics indicate that all bits of a register are read-only. Names that appear in bold indicate that a register
is 16 bits wide. Registers in module AP are bit addressable.


Similar Part No. - MAXQ3100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3108 MAXIM-MAXQ3108 Datasheet
3Mb / 64P
   Low-Power, Dual-Core Microcontroller
Rev 0; 1/09
MAXQ3108-FFN++ MAXIM-MAXQ3108-FFN+ Datasheet
3Mb / 64P
   Low-Power, Dual-Core Microcontroller
Rev 0; 1/09
More results

Similar Description - MAXQ3100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ2010 MAXIM-MAXQ2010 Datasheet
443Kb / 34P
   16-Bit Mixed-Signal Microcontroller with LCD Interface
Rev 1; 12/08
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com