Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULQ2003A Datasheet(PDF) 6 Page - STMicroelectronics

Part # ULQ2003A
Description  Seven darlington array
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULQ2003A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ULQ2003A Datasheet HTML 2Page - STMicroelectronics ULQ2003A Datasheet HTML 3Page - STMicroelectronics ULQ2003A Datasheet HTML 4Page - STMicroelectronics ULQ2003A Datasheet HTML 5Page - STMicroelectronics ULQ2003A Datasheet HTML 6Page - STMicroelectronics ULQ2003A Datasheet HTML 7Page - STMicroelectronics ULQ2003A Datasheet HTML 8Page - STMicroelectronics ULQ2003A Datasheet HTML 9Page - STMicroelectronics ULQ2003A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
ULQ200XA/XD1
6/13
4
Electrical characteristics
Table 3.
Electrical characteristics
(TA = -40 to 105°C for DIP16 unless otherwise specified)
(TJ = 25 to 105°C for SO16 unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICEX
Output leakage current
VCE = 50V, (Figure 3.)50
µA
TA = 105°C, VCE= 50V (Figure 3.)100
TJ = 105°C for ULQ2004, VCE= 50V,
VI = 1V (Figure 4.)
500
VCE(SAT)
Collector-emitter saturation
voltage (Figure 5.)
IC = 100mA, IB = 250µA
0.9
1.1
V
IC = 200mA, IB= 350µA
1.1
1.3
IC = 350mA, IB= 500µA
1.3
1.6
II(ON)
Input current (Figure 6.)
for ULQ2003, VI = 3.85V
0.93
1.35
mA
for ULQ2004, VI = 5V
0.35
0.5
VI = 12V
1
1.45
II(OFF)
Input current (Figure 7.)TA = 105°C, IC = 500µA
50
65
µA
VI(ON)
Input voltage (Figure 8.)
for ULQ2003
IC = 200mA
IC = 250mA
IC = 300mA
for ULQ2004
IC = 125mA
IC = 200mA
IC = 275mA
IC = 350mA
2.4
2.7
3
5
6
7
8
V
hFE
DC Forward current gain
(Figure 5.)
for ULQ2001, VCE = 2V,
IC = 350mA
1000
CI
Input capacitance
15
25 (1)
1.
Guaranteed by design.
pF
tPLH
Turn-on delay time
0.5 VI to 0.5VO
0.25
1 (1)
µs
tPHL
Turn-off delay time
0.5 VI to 0.5VO
0.25
1 (1)
µs
IR
Clamp diode leakage current
(Figure 9.)
VR = 50V
50
µA
TA = 105°C, VR = 50V
100
VF
Clamp diode forward voltage
(Figure 10.)
IF = 350mA
1.7
2
V


Similar Part No. - ULQ2003A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULQ2003A TI-ULQ2003A Datasheet
143Kb / 9P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAY
logo
Allegro MicroSystems
ULQ2003A ALLEGRO-ULQ2003A Datasheet
176Kb / 10P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
STMicroelectronics
ULQ2003A STMICROELECTRONICS-ULQ2003A Datasheet
300Kb / 7P
   SEVEN DARLINGTON ARRAYS
logo
Texas Instruments
ULQ2003A TI-ULQ2003A Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
STMicroelectronics
ULQ2003A STMICROELECTRONICS-ULQ2003A Datasheet
604Kb / 14P
   Seven Darlington array
More results

Similar Description - ULQ2003A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ULN200XA STMICROELECTRONICS-ULN200XA Datasheet
163Kb / 14P
   Seven darlington array
ULQ2001 STMICROELECTRONICS-ULQ2001_08 Datasheet
604Kb / 14P
   Seven Darlington array
ULN200XA STMICROELECTRONICS-ULN200XA_07 Datasheet
605Kb / 14P
   Seven darlington array
ULN2001 STMICROELECTRONICS-ULN2001_12 Datasheet
930Kb / 16P
   Seven Darlington array
ULN2004A STMICROELECTRONICS-ULN2004A Datasheet
930Kb / 16P
   Seven Darlington array
E-ULN2003A STMICROELECTRONICS-E-ULN2003A Datasheet
930Kb / 16P
   Seven Darlington array
logo
Silicon Standard Corp.
SS62003 SSC-SS62003 Datasheet
193Kb / 5P
   Seven-Channel Darlington Array
logo
STMicroelectronics
ULN2003A STMICROELECTRONICS-ULN2003A Datasheet
326Kb / 8P
   SEVEN DARLINGTON ARRAYS
logo
Unisonic Technologies
UTCULN2003 UTC-UTCULN2003 Datasheet
485Kb / 7P
   SEVEN DARLINGTON ARRAYS
logo
STMicroelectronics
ULN2000 STMICROELECTRONICS-ULN2000 Datasheet
240Kb / 8P
   SEVEN DARLINGTON ARRAYS
February 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com