Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITR8307TR8 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # ITR8307TR8
Description  Opto Interrupter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ITR8307TR8 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  ITR8307TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ITR8307TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ITR8307TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ITR8307TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ITR8307TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ITR8307TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ITR8307TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ITR8307TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ITR8307TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 3
Page: 3 of 9
Device No:DRX-083-100
Prepared date: 29-08-2005
Prepared by: Eric Chen
ITR8307/TR8
█ Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Power Dissipation at(or below) 25℃ Free
Air Temperature
Pd
75
mW
Reverse Voltage
VR
5
V
Forward Current
IF
50
mA
Input
Peak Forward Current (*1)
Pulse width ≦100μs, Duty cycle=1%
IFP
1
A
Collector Power Dissipation
PC
75
mW
Collector Current
IC
50
mA
Collector-Emitter Voltage
B VCEO
30
V
Output
Emitter-Collector Voltage
B VECO
5
V
Operating Temperature
Topr
-25~+85
Storage Temperature
Tstg
-30~+90
Lead Soldering Temperature (*2)
Tsol
260
(*1)
tw=100 μsec. ,
T=10 msec.
(*2)
t=5 Sec
█ Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward Voltage
VF
---
1.2
1.6
V
IF=20mA
Reverse Current
IR
---
---
10
μA
VR=5V
Input
Peak Wavelength
λ
P
---
940
---
nm
---
Dark Current
ICEO
---
---
100
nA
VCE=10V
Output
C-E Saturation
Voltage
VCE(sat)
---
---
0.4
V
IC=2mA
,Ee=1mW/cm
2
Light Current
IC(ON)
0.1
---
mA
Leakage Current
ICEOD
---
---
1
μA
VCE=5V
IF=20mA
Rise time
tr
---
20
---
μsec
Transfer
Characteristics
Fall time
tf
---
20
---
μsec
VCE=2V
IC=100μA
RL=1KΩ


Similar Part No. - ITR8307TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR8307 EVERLIGHT-ITR8307 Datasheet
250Kb / 9P
   LIGHT REFLECTION SWITCH
ITR8307 EVERLIGHT-ITR8307 Datasheet
366Kb / 11P
   OPTO INTERRUPTER ITR
ITR8307-F43 EVERLIGHT-ITR8307-F43 Datasheet
153Kb / 9P
   Opto Interrupter
ITR8307-F43 EVERLIGHT-ITR8307-F43 Datasheet
229Kb / 9P
   Opto Interrupter
ITR8307-F43 EVERLIGHT-ITR8307-F43_09 Datasheet
229Kb / 9P
   Opto Interrupter
More results

Similar Description - ITR8307TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR9909 EVERLIGHT-ITR9909 Datasheet
246Kb / 7P
   Opto Interrupter
ITR9809-F EVERLIGHT-ITR9809-F Datasheet
305Kb / 7P
   Opto Interrupter
ITR9813 EVERLIGHT-ITR9813 Datasheet
235Kb / 8P
   Opto Interrupter
EAITRBA2 EVERLIGHT-EAITRBA2 Datasheet
383Kb / 9P
   Opto Interrupter
EAITRCA1 EVERLIGHT-EAITRCA1 Datasheet
471Kb / 9P
   Opto Interrupter
EAITRDA3 EVERLIGHT-EAITRDA3 Datasheet
512Kb / 9P
   Opto Interrupter
EAITRDA8 EVERLIGHT-EAITRDA8 Datasheet
371Kb / 9P
   Opto Interrupter
ITR9803 EVERLIGHT-ITR9803 Datasheet
332Kb / 7P
   Opto Interrupter
ITR8307-F43 EVERLIGHT-ITR8307-F43_09 Datasheet
229Kb / 9P
   Opto Interrupter
ITR20510-TR8 EVERLIGHT-ITR20510-TR8 Datasheet
259Kb / 10P
   Opto Interrupter
ITR8104 EVERLIGHT-ITR8104 Datasheet
651Kb / 8P
   Opto Interrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com