Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM198810H Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM198810H
Description  2.4 GHz ISM Band Transceiver/Framer IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM198810H Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM198810H Datasheet HTML 1Page - ELAN Microelectronics Corp EM198810H Datasheet HTML 2Page - ELAN Microelectronics Corp EM198810H Datasheet HTML 3Page - ELAN Microelectronics Corp EM198810H Datasheet HTML 4Page - ELAN Microelectronics Corp EM198810H Datasheet HTML 5Page - ELAN Microelectronics Corp EM198810H Datasheet HTML 6Page - ELAN Microelectronics Corp EM198810H Datasheet HTML 7Page - ELAN Microelectronics Corp EM198810H Datasheet HTML 8Page - ELAN Microelectronics Corp EM198810H Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
EM198810 Datasheet
INTEGRATED CIRCUIT
Elan Design
1.1 Description
The Elan EM198810 IC is a low-cost, fully integrated CMOS radio frequency (RF) transceiver block,
combined with a 64-byte buffered framer block. The RF transceiver block is a self-contained, fast-
hopping GFSK data modem, optimised for use in the widely available 2.4 GHz ISM band. It contains
transmit, receive, VCO and PLL functions, including an on-chip channel filter and resonator, thus
minimizing the need for external components. The receiver utilizes extensive digital processing for
excellent overall performance, even in the presence of interference and transmitter impairments.
Transmit power is digitally controlled. The low-IF receiver architecture results in sensitivity to -80dBm
or better, with impressive selectivity.
In normal applications, the EM198810 is connected to a low cost microcontroller(ex:EM78P451S).
In normal application The on-chip framer processes and stores the RF data in the background,
unloading this critical timing function from the MCU. This lowers MCU speed requirements, expedites
product development time, and frees the MCU for implementing additional product features.
The framer register settings determine the over-the-air formatting characteristics. Many configurations
are possible, depending on the user’s specific needs. Raw transmit data is easily sent over-the-air as
a complete frame of data, with preamble, address, payload, and CRC. Receiving data is just the
opposite, using the preamble to train the receiver clock recovery, then the address is checked, then
the data is reverse formatted for receive, followed by CRC. All of this is done in hardware to ease the
programming and overhead requirements of the baseband MCU.
For longer battery life, power consumption is minimized by automatic enabling of the various transmit,
receive, PLL, and PA sections, depending on the instantaneous state of the chip. A sleep mode is also
provided for ultra low current consumption.
This product is available in 32-lead 5x5 mm JEDEC standard QFN package, featuring an exposed pad
on the bottom for best RF characteristics. Lead-free RoHS compliant packaging is available on
request.
This spec is subject to change
without any notice
4 / 18
24.Dec.2006


Similar Part No. - EM198810H

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
EM19100M EMC-EM19100M Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
EM19100S EMC-EM19100S Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
EM19101 EMC-EM19101 Datasheet
105Kb / 6P
   8-BIT 5 MSPS A/D CONVERTER (CMOS)
EM19101M EMC-EM19101M Datasheet
105Kb / 6P
   8-BIT 5 MSPS A/D CONVERTER (CMOS)
More results

Similar Description - EM198810H

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
WALSIN TECHNOLOGY CORPO...
RFBPB1510060A0T WALSIN-RFBPB1510060A0T Datasheet
650Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPB2012090ART WALSIN-RFBPB2012090ART Datasheet
588Kb / 7P
   2.4 GHz ISM Band RF applications
RFBLN1608050AAT WALSIN-RFBLN1608050AAT Datasheet
355Kb / 7P
   2.4 GHz ISM Band RF Application
RFBLN1608050AGT WALSIN-RFBLN1608050AGT Datasheet
623Kb / 7P
   2.4 GHz ISM Band RF Application
RFBLN1608070ADT WALSIN-RFBLN1608070ADT Datasheet
927Kb / 7P
   2.4 GHz ISM Band Working Frequency
RFBPF2008A15T WALSIN-RFBPF2008A15T Datasheet
611Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPF2009A26T WALSIN-RFBPF2009A26T Datasheet
591Kb / 7P
   2.4 GHz ISM Band RF Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com