Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM198810 Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM198810
Description  2.4 GHz ISM Band Transceiver/Framer IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM198810 Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM198810 Datasheet HTML 4Page - ELAN Microelectronics Corp EM198810 Datasheet HTML 5Page - ELAN Microelectronics Corp EM198810 Datasheet HTML 6Page - ELAN Microelectronics Corp EM198810 Datasheet HTML 7Page - ELAN Microelectronics Corp EM198810 Datasheet HTML 8Page - ELAN Microelectronics Corp EM198810 Datasheet HTML 9Page - ELAN Microelectronics Corp EM198810 Datasheet HTML 10Page - ELAN Microelectronics Corp EM198810 Datasheet HTML 11Page - ELAN Microelectronics Corp EM198810 Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
EM198810 Datasheet
INTEGRATED CIRCUIT
Elan Design
3.3 Pads name and location
SYMBOL
PAD no
Center pad position
X;Y in microns
PLL_VDD(A)
1
35.837 ; 1622.464
RF_VSS(A)
2
35.836 ; 1498.956
VCO_GDD(A)
3
35.837 ; 1378.956
nc
4
35.387 ; 1257.956
RF_VSS(A)
5
35.383 ; 1018.956
ANTb(A)
6
35.837 ; 897.956
RF_VSS(A)
7
35.837 ; 778.957
ANT(A)
8
35.789 ; 657.956
RF_VSS(A)
9
35.835 ; 583.952
RF_VDD(A)
10
35.837 ; 418.957
Injp(A)
11
35.837 ; 178.096
Injp(A)
12
222.918 ; 35.006
IF_VDD(A)
13
341.926 ; 35.006
VCO_VDD(A)
14
462.016 ; 35.006
AMS_AVDD(A)
15
581.926 ; 35.006
MONIp(A)
16
702.926 ; 35.006
MONIn(A)
17
1464.189 ; 35.005
TP_BG_IV/TP_VTUNE(A)
18
1584.188 ; 35.006
BRCLK(D)
19
1820.067 ; 34.006
BPKTCTL(D)
20
1940.067 ; 34.006
RXDATA(D)
21
2081.185 ; 219.891
RXCLK(D)
22
2081.185 ; 339.891
testse(D)
23
2081.185 ; 459.891
BXTLEN(D)
24
2081.185 ; 579.891
TEST1(D)
25
2081.185 ; 699.891
VDD_DIG(D)
26
2081.185 ; 821.027
VSS_DIG(D)
27
2081.185 ; 941.027
BnDEN(D)
28
2081.185 ; 1059.839
TEST2(D)
29
2081.185 ; 1179.893
BDDATA(D)
30
2081.185 ; 1299.893
BDCLK(D)
31
2081.185 ; 1420.890
BnPWR(D)
32
2081.185 ; 1539.891
BDATA1(D)
33
2081.185 ; 1659.889
spi_select(D)
34
1885.495 ; 1804.847
VDD_IO(D)
35
1762.415 ; 1804.847
ckpha(D)
36
1641.438 ; 1804.847
LDO_VDD(A)
37
1445.424 ; 1804.847
LDO_OUT_VDD(A)
38
1318.773 ; 1803.847
LDO_TUNE(A)
39
1199.684 ; 1803.847
AMS_DVSS(A)
40
1075.434 ; 1803.847
AMS_DVDD(A)
41
955.348 ; 1803.847
XTALO(A)
42
833.526 ; 1803.946
XTALI(A)
43
671.538 ; 1803.946
VCO_VSS(A)
44
550.438 ; 1803.847
- Table 2 -
3.4 Order information
Package
Type number
Name
Description
EM198810W
QFN32
Plastic, quad flat package; no leads; 32 terminals;
body 5 x 5 x 0.8 mm
EM198810H
Bare die
available
This spec is subject to change
without any notice
8 / 18
24.Dec.2006


Similar Part No. - EM198810

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
EM19100M EMC-EM19100M Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
EM19100S EMC-EM19100S Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
EM19101 EMC-EM19101 Datasheet
105Kb / 6P
   8-BIT 5 MSPS A/D CONVERTER (CMOS)
EM19101M EMC-EM19101M Datasheet
105Kb / 6P
   8-BIT 5 MSPS A/D CONVERTER (CMOS)
More results

Similar Description - EM198810

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
WALSIN TECHNOLOGY CORPO...
RFBPB1510060A0T WALSIN-RFBPB1510060A0T Datasheet
650Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPB2012090ART WALSIN-RFBPB2012090ART Datasheet
588Kb / 7P
   2.4 GHz ISM Band RF applications
RFBLN1608050AAT WALSIN-RFBLN1608050AAT Datasheet
355Kb / 7P
   2.4 GHz ISM Band RF Application
RFBLN1608050AGT WALSIN-RFBLN1608050AGT Datasheet
623Kb / 7P
   2.4 GHz ISM Band RF Application
RFBLN1608070ADT WALSIN-RFBLN1608070ADT Datasheet
927Kb / 7P
   2.4 GHz ISM Band Working Frequency
RFBPF2008A15T WALSIN-RFBPF2008A15T Datasheet
611Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPF2009A26T WALSIN-RFBPF2009A26T Datasheet
591Kb / 7P
   2.4 GHz ISM Band RF Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com