Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ100LVEL58NG Datasheet(PDF) 2 Page - Arizona Microtek, Inc

Part # AZ100LVEL58NG
Description  ECL/PECL 2:1 Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100LVEL58NG Datasheet(HTML) 2 Page - Arizona Microtek, Inc

  AZ100LVEL58NG Datasheet HTML 1Page - Arizona Microtek, Inc AZ100LVEL58NG Datasheet HTML 2Page - Arizona Microtek, Inc AZ100LVEL58NG Datasheet HTML 3Page - Arizona Microtek, Inc AZ100LVEL58NG Datasheet HTML 4Page - Arizona Microtek, Inc AZ100LVEL58NG Datasheet HTML 5Page - Arizona Microtek, Inc AZ100LVEL58NG Datasheet HTML 6Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AZ100LVEL58
November 2006 * REV-3
www.azmicrotek.com
2
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol
Characteristic
Rating
Unit
VCC
PECL Power Supply
(VEE = 0V)
0 to +8.0
Vdc
VI
PECL Input Voltage
(VEE = 0V)
0 to +6.0
Vdc
VEE
ECL Power Supply
(VCC = 0V)
-8.0 to 0
Vdc
VI
ECL Input Voltage
(VCC = 0V)
-6.0 to 0
Vdc
IOUT
Output Current
--- Continuous
--- Surge
50
100
mA
TA
Operating Temperature Range
-40 to +85
°C
TSTG
Storage Temperature Range
-65 to +150
°C
100K ECL DC Characteristics (VEE = -3.3V, VCC = GND)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1
-1085
-1005
-880
-1025
-955
-880
-1025
-955
-880
-1025
-955
-880
mV
VOL
Output LOW Voltage
1
-1830
-1695
-1555
-1810
-1705
-1620
-1810
-1705
-1620
-1810
-1705
-1620
mV
VIH
Input HIGH Voltage
-1165
-880
-1165
-880
-1165
-880
-1165
-880
mV
VIL
Input LOW Voltage
-1810
-1475
-1810
-1475
-1810
-1475
-1810
-1475
mV
IIH
Input HIGH Current
150
150
150
150
μA
IIL
Input LOW Current
-150
-150
-150
-150
μA
IEE
Power Supply Current
21
28
21
28
21
28
23
30
mA
1.
Each output is terminated through a 50
Ω resistor to V
CC – 2V.
100K LVPECL DC Characteristics (VEE = GND, VCC = +3.3V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1,2
2215
2295
2420
2275
2345
2420
2275
2345
2420
2275
2345
2420
mV
VOL
Output LOW Voltage
1,2
1470
1605
1745
1490
1595
1680
1490
1595
1680
1490
1595
1680
mV
VIH
Input HIGH Voltage
1
2135
2420
2135
2420
2135
2420
2135
2420
mV
VIL
Input LOW Voltage
1
1490
1825
1490
1825
1490
1825
1490
1825
mV
IIH
Input HIGH Current
150
150
150
150
μA
IIL
Input LOW Current
-150
-150
-150
-150
μA
IEE
Power Supply Current
21
28
21
28
21
28
23
30
mA
1.
These values are for VCC = 3.3V. For supply voltages other that 3.3V, use the ECL table values and ADD supply voltage value.
2.
Each output is terminated through a 50
Ω resistor to V
CC – 2V.
100K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1,2
3915
3995
4120
3975
4045
4120
3975
4045
4120
3975
4045
4120
mV
VOL
Output LOW Voltage
1,2
3170
3305
3445
3190
3295
3380
3190
3295
3380
3190
3295
3380
mV
VIH
Input HIGH Voltage
1
3835
4120
3835
4120
3835
4120
3835
4120
mV
VIL
Input LOW Voltage
1
3190
3525
3190
3525
3190
3525
3190
3525
mV
VBB
Reference Voltage
1
3620
3740
3620
3740
3620
3740
3620
3740
mV
IIH
Input HIGH Current
150
150
150
μA
IIL
Input LOW Current
-150
-150
-150
-150
150
μA
IEE
Power Supply Current
27
33
27
33
27
33
31
37
mA
1.
For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value.
2.
Each output is terminated through a 50
Ω resistor to V
CC – 2V.
AC Characteristics (VEE = -3.0V to -5.5V, VCC = GND or VEE GND, VCC = +3.0V to +5.5V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tPLH / tPHL
Propagation Delay to
Output
D to Q
SEL to Q
340
540
435
455
560
570
350
360
440
460
570
580
370
380
450
470
590
600
ps
fmax
Maximum Toggle
Frequency
1.5
GHz
tr / tf
Rise/Fall Time
20 – 80%
100
260
100
260
100
260
100
260
ps


Similar Part No. - AZ100LVEL58NG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL58N++ AZM-AZ100LVEL58N+ Datasheet
464Kb / 8P
   PECL/ECL 2:1 Multiplexer
More results

Similar Description - AZ100LVEL58NG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL58 AZM-AZ100LVEL58_12 Datasheet
464Kb / 8P
   PECL/ECL 2:1 Multiplexer
AZ10EL58 AZM-AZ10EL58 Datasheet
73Kb / 6P
   ECL/PECL 2:1 Multiplexer
logo
Maxim Integrated Produc...
MAX9384 MAXIM-MAX9384 Datasheet
235Kb / 10P
   ECL/PECL Dual Differential 2:1 Multiplexer
Rev 0; 7/02
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP58V MICREL-SY10EP58V_06 Datasheet
832Kb / 9P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY89208V MICREL-SY89208V Datasheet
243Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58_16 Datasheet
169Kb / 10P
   ECL 2:1 Multiplexer
August, 2016 ??Rev. 8
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58_06 Datasheet
127Kb / 7P
   3.3V ECL 2:1 Multiplexer
November, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com