Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ100LVEL58T Datasheet(PDF) 1 Page - Arizona Microtek, Inc

Part # AZ100LVEL58T
Description  ECL/PECL 2:1 Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100LVEL58T Datasheet(HTML) 1 Page - Arizona Microtek, Inc

  AZ100LVEL58T Datasheet HTML 1Page - Arizona Microtek, Inc AZ100LVEL58T Datasheet HTML 2Page - Arizona Microtek, Inc AZ100LVEL58T Datasheet HTML 3Page - Arizona Microtek, Inc AZ100LVEL58T Datasheet HTML 4Page - Arizona Microtek, Inc AZ100LVEL58T Datasheet HTML 5Page - Arizona Microtek, Inc AZ100LVEL58T Datasheet HTML 6Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AZ100LVEL58
ECL/PECL 2:1 Multiplexer
1630 S. STAPLEY DR., SUITE 127
• MESA, ARIZONA 85204 • USA • (480) 962-5881 • FAX (480) 890-2541
www.azmicrotek.com
ARIZONA MICROTEK, INC.
FUNCTION TABLE
SEL
Q
H
Da
L
Db
FEATURES
Green / RoHS Compliant /
Lead (Pb) Free Packages Available
440ps Propagation Delay
Operating Range of 3.0V to 5.5V
Internal Input Pulldown Resistors
Q Output will Default LOW with Inputs
Open or at VEE
Transistor Count = 58 Devices
Direct Replacement for ON Semiconductor
MC100LVEL58
DESCRIPTION
The AZ100LVEL58 is a 2:1 multiplexer. The device is pin and functionally equivalent to the EL58. With AC
performance similar to the EL58 device, the LVEL58 is ideal for the low voltage applications that require the
ultimate in AC performance. If desired, the select input can be directly driven from a CMOS output.
NOTE: Specifications in the ECL/PECL tables are valid when thermal equilibrium is established.
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
8
5
6
7
4
3
2
1
VCC
Da
VEE
NC
Q
Q
SEL
MUX
Db
PIN DESCRIPTION
PIN
FUNCTION
Da, Db
Data Inputs
Q, Q
¯
Differential Outputs
SEL
Select Input
VCC
Positive Supply
VEE
Negative Supply
NC
No Connect
PACKAGE AVAILABILITY
PACKAGE
PART NO.
MARKING
NOTES
SOIC 8
AZ100LVEL58D
AZM100
LVEL58
1,2,3
TSSOP 8
AZ100LVEL58T
AZH
LV58
1,2,3
MLP 8 (2x2) RoHS
Compliant / Lead
(Pb) Free
AZ100LVEL58N+
L5+
<Date Code>
1,2
MLP 8 (2x2) Green /
RoHS Compliant /
Lead (Pb) Free
AZ100LVEL58NG
L5G
<Date Code>
1,2
1
Add R1 at end of part number for 7 inch (1K parts), R2 for 13 inch (2.5K parts)
Tape & Reel.
2
Date code format: “Y” for year followed by “WW” for week.
3
Date code “YWW” or “YYWW” on underside of part.


Similar Part No. - AZ100LVEL58T

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL58TG AZM-AZ100LVEL58TG Datasheet
464Kb / 8P
   PECL/ECL 2:1 Multiplexer
More results

Similar Description - AZ100LVEL58T

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL58 AZM-AZ100LVEL58_12 Datasheet
464Kb / 8P
   PECL/ECL 2:1 Multiplexer
AZ10EL58 AZM-AZ10EL58 Datasheet
73Kb / 6P
   ECL/PECL 2:1 Multiplexer
logo
Maxim Integrated Produc...
MAX9384 MAXIM-MAX9384 Datasheet
235Kb / 10P
   ECL/PECL Dual Differential 2:1 Multiplexer
Rev 0; 7/02
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP58V MICREL-SY10EP58V_06 Datasheet
832Kb / 9P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY89208V MICREL-SY89208V Datasheet
243Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58_16 Datasheet
169Kb / 10P
   ECL 2:1 Multiplexer
August, 2016 ??Rev. 8
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58_06 Datasheet
127Kb / 7P
   3.3V ECL 2:1 Multiplexer
November, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com