Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ100LVEL32TG Datasheet(PDF) 7 Page - Arizona Microtek, Inc

Part # AZ100LVEL32TG
Description  ECL/PECL 첨 2 Divider
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100LVEL32TG Datasheet(HTML) 7 Page - Arizona Microtek, Inc

  AZ100LVEL32TG Datasheet HTML 1Page - Arizona Microtek, Inc AZ100LVEL32TG Datasheet HTML 2Page - Arizona Microtek, Inc AZ100LVEL32TG Datasheet HTML 3Page - Arizona Microtek, Inc AZ100LVEL32TG Datasheet HTML 4Page - Arizona Microtek, Inc AZ100LVEL32TG Datasheet HTML 5Page - Arizona Microtek, Inc AZ100LVEL32TG Datasheet HTML 6Page - Arizona Microtek, Inc AZ100LVEL32TG Datasheet HTML 7Page - Arizona Microtek, Inc AZ100LVEL32TG Datasheet HTML 8Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AZ10LVEL32
AZ100LVEL32
July 2006 * REV - 0
www.azmicrotek.com
7
PACKAGE DIAGRAM
MLP 8 2x2mm
BOTTOM VIEW
SIDE VIEW
MLP 8
(2x2mm)
2.000±0.050
2.000±0.050
Pin 1 Dot
By Marking
0.350±0.050
Pin 1 Identification
R0.100 TYP
1.750
Ref.
1.200±0.050
exp. pad
1
2
3
4
5
6
7
8
0.250±0.050
0.500 bsc
0.600±0.050
exp. pad
12
3
4
0.750±0.050
0.000-0.050
0.203±0.025
TOP VIEW
Note: All dimensions are in mm


Similar Part No. - AZ100LVEL32TG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL32TG AZM-AZ100LVEL32TG Datasheet
157Kb / 8P
   ECL/PECL 첨 2 Divider
AZ100LVEL32TG AZM-AZ100LVEL32TG Datasheet
103Kb / 7P
   ECL/PECL 2 Divider
AZ100LVEL32TG AZM-AZ100LVEL32TG Datasheet
548Kb / 9P
   PECL/ECL 2 Divider
More results

Similar Description - AZ100LVEL32TG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
AZ10LVEL32 AZM-AZ10LVEL32_09 Datasheet
157Kb / 8P
   ECL/PECL 첨 2 Divider
logo
List of Unclassifed Man...
AZ10EL32 ETC1-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
logo
Arizona Microtek, Inc
AZ100LVEL32 AZM-AZ100LVEL32_11 Datasheet
103Kb / 7P
   ECL/PECL 2 Divider
AZ100LVEL32 AZM-AZ100LVEL32_12 Datasheet
548Kb / 9P
   PECL/ECL 2 Divider
logo
Micrel Semiconductor
SY89312V MICREL-SY89312V Datasheet
51Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 2 CLOCK GENERATOR
logo
Arizona Microtek, Inc
AZ10LVEL33 AZM-AZ10LVEL33 Datasheet
127Kb / 10P
   ECL/PECL 첨4 Divider
AZ100LVEL33 AZM-AZ100LVEL33_11 Datasheet
113Kb / 8P
   ECL/PECL 첨4 Divider
logo
List of Unclassifed Man...
SP8685A ETC2-SP8685A Datasheet
207Kb / 4P
   500MHz 첨 10/11 ECL Variable Modulus Divider
logo
Micrel Semiconductor
SY89313V MICREL-SY89313V Datasheet
52Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 4 CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com