Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ100LVEL32DG Datasheet(PDF) 1 Page - Arizona Microtek, Inc

Part # AZ100LVEL32DG
Description  ECL/PECL 첨 2 Divider
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100LVEL32DG Datasheet(HTML) 1 Page - Arizona Microtek, Inc

  AZ100LVEL32DG Datasheet HTML 1Page - Arizona Microtek, Inc AZ100LVEL32DG Datasheet HTML 2Page - Arizona Microtek, Inc AZ100LVEL32DG Datasheet HTML 3Page - Arizona Microtek, Inc AZ100LVEL32DG Datasheet HTML 4Page - Arizona Microtek, Inc AZ100LVEL32DG Datasheet HTML 5Page - Arizona Microtek, Inc AZ100LVEL32DG Datasheet HTML 6Page - Arizona Microtek, Inc AZ100LVEL32DG Datasheet HTML 7Page - Arizona Microtek, Inc AZ100LVEL32DG Datasheet HTML 8Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AZ10LVEL32
AZ100LVEL32
ECL/PECL
÷ 2 Divider
1630 S. STAPLEY DR., SUITE 127
• MESA, ARIZONA 85204 • USA • (480) 962-5881 • FAX (480) 890-2541
www.azmicrotek.com
ARIZONA MICROTEK, INC.
FEATURES
Operating Range of 3.0V to 5.5V
470ps Propagation Delay
3.0GHz Toggle Frequency
High Bandwidth Output Transitions
Direct Replacement for ON
Semiconductor MC10EL/LVEL32 &
MC100EL/LVEL32
DESCRIPTION
The AZ10/100LVEL32 is an integrated ÷2 divider. The reset pin is asynchronous and is asserted on the rising
edge. Upon power-up, the internal flip-flop will attain a random logic state; the reset allows for the synchronization
of multiple LVEL32’s in a system.
The LVEL32 provides a VBB output for single-ended use or a DC bias reference for AC coupling to the device.
For single-ended input applications, the VBB reference should be connected to one side of the CLK/CLK
¯¯¯¯ differential
input pair. The input signal is then fed to the other CLK/CLK
¯¯¯¯ input. The VBB pin should be used only as a bias for
the LVEL32 as its sink/source capability is limited. When used, the VBB pin should be bypassed to ground via a
0.01
μF capacitor.
NOTE: Specifications in ECL/PECL tables are valid when thermal equilibrium is established.
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
1
4
3
2
6
5
7
8
R
÷2
RESET
CLK
CLK
VBB
VCC
Q
Q
VEE
PIN DESCRIPTION
PIN
FUNCTION
CLK, CLK
¯¯¯
Clock Inputs
RESET
Asynchronous Reset
VBB
Reference Voltage Output
Q, Q
¯
Data Outputs
VCC
Positive Supply
VEE
Negative Supply
PACKAGE AVAILABILITY
PACKAGE
PART NUMBER
MARKING
NOTES
SOIC 8 Green /
RoHS Compliant /
Lead (Pb) Free
AZ100LVEL32DG
AZM100G
LVEL32
1,2
TSSOP 8 Green /
RoHS Compliant /
Lead (Pb) Free
AZ100LVEL32TG
AZHG
LV32
1,2
MLP 8 (2x2) Green
/ RoHS Compliant /
Lead (Pb) Free
AZ100LVEL32NG
C2G
<Date Code>
1,3
1
Add R1 at end of part number for 7 inch (1K parts), R2 for 13 inch (2.5K parts)
Tape & Reel.
2
Date code format: “Y” or “YY” for year followed by “WW” for week on
underside of part.
3
Date code format: “Y” for year followed by “WW” for week.


Similar Part No. - AZ100LVEL32DG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL32DG AZM-AZ100LVEL32DG Datasheet
157Kb / 8P
   ECL/PECL 첨 2 Divider
AZ100LVEL32DG AZM-AZ100LVEL32DG Datasheet
103Kb / 7P
   ECL/PECL 2 Divider
AZ100LVEL32DG AZM-AZ100LVEL32DG Datasheet
548Kb / 9P
   PECL/ECL 2 Divider
More results

Similar Description - AZ100LVEL32DG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
AZ10LVEL32 AZM-AZ10LVEL32_09 Datasheet
157Kb / 8P
   ECL/PECL 첨 2 Divider
logo
List of Unclassifed Man...
AZ10EL32 ETC1-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
logo
Arizona Microtek, Inc
AZ100LVEL32 AZM-AZ100LVEL32_11 Datasheet
103Kb / 7P
   ECL/PECL 2 Divider
AZ100LVEL32 AZM-AZ100LVEL32_12 Datasheet
548Kb / 9P
   PECL/ECL 2 Divider
logo
Micrel Semiconductor
SY89312V MICREL-SY89312V Datasheet
51Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 2 CLOCK GENERATOR
logo
Arizona Microtek, Inc
AZ10LVEL33 AZM-AZ10LVEL33 Datasheet
127Kb / 10P
   ECL/PECL 첨4 Divider
AZ100LVEL33 AZM-AZ100LVEL33_11 Datasheet
113Kb / 8P
   ECL/PECL 첨4 Divider
logo
List of Unclassifed Man...
SP8685A ETC2-SP8685A Datasheet
207Kb / 4P
   500MHz 첨 10/11 ECL Variable Modulus Divider
logo
Micrel Semiconductor
SY89313V MICREL-SY89313V Datasheet
52Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 4 CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com