Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8511J Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8511J
Description  4 x 13 W single-ended power amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8511J Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8511J Datasheet HTML 6Page - NXP Semiconductors TDA8511J Datasheet HTML 7Page - NXP Semiconductors TDA8511J Datasheet HTML 8Page - NXP Semiconductors TDA8511J Datasheet HTML 9Page - NXP Semiconductors TDA8511J Datasheet HTML 10Page - NXP Semiconductors TDA8511J Datasheet HTML 11Page - NXP Semiconductors TDA8511J Datasheet HTML 12Page - NXP Semiconductors TDA8511J Datasheet HTML 13Page - NXP Semiconductors TDA8511J Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2000 Mar 10
10
Philips Semiconductors
Preliminary specification
4
× 13 W single-ended power amplifiers
TDA8511J
Mode select switch
To avoid switch-on plops, it is advised to keep the amplifier
in the mute mode during >100 ms (charging of the input
capacitors at pins 1, 3, 15 and 17.
The circuit in Fig.7 slowly ramps up the voltage at the
mode select switch pin when switching on and results in
fast muting when switching off.
Fig.7 Mode select switch circuitry.
handbook, halfpage
100 k
MGA708
47
µF
10 k
100
mode
select
switch
VP


Similar Part No. - TDA8511J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8510 PHILIPS-TDA8510 Datasheet
82Kb / 16P
   26 W BTL and 2 x 13 W SE power amplifiers
1999 Dec 14
TDA8510J PHILIPS-TDA8510J Datasheet
82Kb / 16P
   26 W BTL and 2 x 13 W SE power amplifiers
1999 Dec 14
TDA8512 PHILIPS-TDA8512 Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
More results

Similar Description - TDA8511J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8510J PHILIPS-TDA8510J Datasheet
82Kb / 16P
   26 W BTL and 2 x 13 W SE power amplifiers
1999 Dec 14
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1554Q PHILIPS-TDA1554Q Datasheet
96Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
logo
STMicroelectronics
STA540 STMICROELECTRONICS-STA540 Datasheet
373Kb / 23P
   4 x 13 W dual/quad power amplifier
STA540 STMICROELECTRONICS-STA540_12 Datasheet
344Kb / 25P
   4 x 13 W dual/quad power amplifier
STA540 STMICROELECTRONICS-STA540_V01 Datasheet
342Kb / 25P
   4 x 13 W dual/quad power amplifier
April 2012
logo
NXP Semiconductors
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
TDA1555Q PHILIPS-TDA1555Q Datasheet
112Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier with distortion detector
May 1992
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com