Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JE1026HSL2R Datasheet(PDF) 1 Page - Hongfa Technology

Part # JE1026HSL2R
Description  MINIATURE HIGH POWER LATCHING RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

JE1026HSL2R Datasheet(HTML) 1 Page - Hongfa Technology

  JE1026HSL2R Datasheet HTML 1Page - Hongfa Technology JE1026HSL2R Datasheet HTML 2Page - Hongfa Technology JE1026HSL2R Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
9NRGQ- Ta^ ]ZmZ lahpg Z[ho^ Zk^ bgbmbZe oZen^l4
2GDRSPGQ
Gbe^ Nh4@ DQD6<67=67<=7?
IONHGBRFLBY
Gbe^ Nh4@ F79:;7=
JSO?667WJSO5TS7<?:? WJSO7:667 WOISBS7>667 DFRTJGJFE
866= R^o4 8466
Eb^e^\mkb\
lmk^g`ma
Sah\d k^lblmZg\^
Sbg`e^ Dhbe@ 74;WA Ehn[e^ Dhbe@ 946W
Dhbe ihp^k
9NRGQ- Oger lhf^ mrib\Ze kZmbg`l Zk^ eblm^] Z[ho^4 J_ fhk^ ]^mZbel Zk^
k^jnbk^]2 ie^Zl^ \hgmZ\m nl4
R^lblmbo^@ ;6B8==VBD
Tng`lm^g@ ;666W 8:6VBD
:6B8==VBD
8;=
61~}
7B2 7D
B`SgO82 B`D]O
::6VBD
;6B
7B@ 78;66VB 5 7D@ 76666VB
;6B
7q76< OPS
S^^ kZm^] ehZ]
DhgmZ\m ZkkZg`^f^gm
DhgmZ\m
k^lblmZg\^
DhgmZ\m fZm^kbZe
MZq4 lpbm\abg`
ohemZ`^
MZq4 lpbm\abg`
\nkk^gm
MZq4 lpbm\abg`
ihp^k
MZq4 \hgmbgnhnl
\nkk^gm
M^\aZgb\Ze ^g]nkZg\^
Fe^\mkb\Ze ^g]nkZg\^
8595.>?<1 4534 ;:A1< 7.>/4593 <17.B
/:9>./> 0.>.
/:57
=.21>B .;;<:@.7 <.>593=
?7|/?<
7 Ghkf B
7 Ghkf D
7B@ ;6B 8;6VBD27 q 76; OPS/R^lblmbo^0
;666W 886VBD29q76: OPS
/Jg\Zg]^l\^gm . _enhk^l\^gm eZfi0
7D@ :6B8;6VBD29 q 76: OPS/R^lblmbo^0
DhgmZ\m kZmbg`
;6f /Zm 7B8:VED0
JglneZmbhg k^lblmZg\^
C^mp^^g \hbe . \hgmZ\ml
C^mp^^g hi^g \hgmZ\ml
Oi^kZm^ mbf^ /Zm ghfb4 ohem40
R^e^Zl^ mbf^ /Zm ghfb4 ohem40
Gng\mbhgZe
E^lmkn\mbo^
Vb[kZmbhg k^lblmZg\^
Infb]bmr
Bf[b^gm m^fi^kZmnk^
SmhkZ`^ m^fi^kZmnk^
T^kfbgZmbhg
Ugbm p^b`am
Dhglmkn\mbhg
7666M /Zm ;66VED0
:666VBD 7fbg
7;66VBD 7fbg
7B@ >ff
7D@ <ff
;6fl fbg4
/R^\hff^g]@ 766 mh 866fl0
7;fl fZq4
7;fl fZq4
7B@ 86 \r\e^l5fbg
7D@ 76 \r\e^l5fbg
766f5l8 /76`0
7666f5l8 /766`0
76Is mh ;;Is 74;ff EB
?>- RI2 :6
3:6 mh =6
3:6 mh 766
PDC
Biikhq4 98`
WZla mb`am2 Genq ikhh_^]
/4.<./>1<5=>5/=
MZq4 hi^kZm^ _k^jn^g\r
Dk^^iZ`^ ]blmZg\^
/bginm mh hnminm0
Pnel^ pb]ma h_ \hbe
S^m5R^l^m
VhemZ`^
VED
<
78
8:
:>
<
78
8:
:>
:4>
?4<
7?48
9>4:
:4>
?4<
7?48
9>4:
Sbg`e^
Dhbe
8:
?<
9>:
7;9<
8q78
8q:>
8 q 7?8
8 q =<>
Dhbe R^lblmZg\^
q/7 76-0
/:57 0.>.
NhfbgZe
VhemZ`^
VED
Ehn[e^
Dhbe
MZq4
BeehpZ[e^
VhemZ`^
VED
Zm 89
=4>
7;4<
9748
<84:
=4>
7;4<
9748
<84:
Y MZqbfnf lpbm\abg` \ZiZ[bebmr ni mh ;6B
Y LZfi ehZ] ni mh ;666W
Y DZiZ\bmhk ehZ] ni mh 866nG /Mbg4 bgknla \nkk^gm
Zm ;66B576l0
Y Dk^^iZ`^ ]blmZg\^@ >ff
Y Eb^e^\mkb\ lmk^g`ma@ fhk^ maZg :666VBD
/[^mp^^g \hbe Zg] \hgmZ\ml0
Y WZla mb`am Zg] _enq ikhh_^] mri^l ZoZbeZ[e^
Y MZgnZe lpbm\a _ng\mbhg ZoZbeZ[e^
Y Fgobkhgf^gmZe _kb^g]er ikh]n\m /RhIS \hfiebZgm0
Y Onmebg^ Ebf^glbhgl@ /9?46 q 7;46 q 96480ff
/B`SgO80


Similar Part No. - JE1026HSL2R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
   HIGH POWER LATCHING RELAY
logo
DB Lectro Inc
JE1206ML180A DBLECTRO-JE1206ML180A Datasheet
91Kb / 2P
   Multilayer Ceramic Transient Voltage Suppressor for ESD Protection
JE1206ML180L DBLECTRO-JE1206ML180L Datasheet
91Kb / 2P
   Multilayer Ceramic Transient Voltage Suppressor for ESD Protection
logo
Hongfa Technology
JE12A12HTB1 HONGFA-JE12A12HTB1 Datasheet
94Kb / 4P
   HIGH POWER LATCHING RELAY
JE12A12HTB1R HONGFA-JE12A12HTB1R Datasheet
94Kb / 4P
   HIGH POWER LATCHING RELAY
More results

Similar Description - JE1026HSL2R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE20 HONGFA-HFE20 Datasheet
1Mb / 7P
   MINIATURE HIGH POWER LATCHING RELAY
HFE9 HONGFA-HFE9 Datasheet
63Kb / 3P
   MINIATURE HIGH POWER LATCHING RELAY
HFE21 HONGFA-HFE21 Datasheet
160Kb / 7P
   MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
58Kb / 4P
   MINIATURE HIGH POWER LATCHING RELAY
HF166F HONGFA-HF166F Datasheet
59Kb / 3P
   MINIATURE HIGH POWER LATCHING RELAY
HFE10-L HONGFA-HFE10-L Datasheet
53Kb / 3P
   MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
63Kb / 3P
   MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
67Kb / 5P
   MINIATURE HIGH POWER LATCHING RELAY
logo
EVER-WAY INDUSTRY COMPA...
WM831 EVER-WAY-WM831 Datasheet
195Kb / 3P
   MINIATURE HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com