Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ100LVE111 Datasheet(PDF) 1 Page - Arizona Microtek, Inc

Part # AZ100LVE111
Description  ECL/PECL 1:9 Differential Clock Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100LVE111 Datasheet(HTML) 1 Page - Arizona Microtek, Inc

  AZ100LVE111 Datasheet HTML 1Page - Arizona Microtek, Inc AZ100LVE111 Datasheet HTML 2Page - Arizona Microtek, Inc AZ100LVE111 Datasheet HTML 3Page - Arizona Microtek, Inc AZ100LVE111 Datasheet HTML 4Page - Arizona Microtek, Inc AZ100LVE111 Datasheet HTML 5Page - Arizona Microtek, Inc AZ100LVE111 Datasheet HTML 6Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AZ10LVE111
AZ100LVE111
ECL/PECL 1:9 Differential Clock Driver
1630 S. STAPLEY DR., SUITE 127
• MESA, ARIZONA 85204 • USA • (480) 962-5881 • FAX (480) 890-2541
www.azmicrotek.com
ARIZONA MICROTEK, INC.
FEATURES
Operating Range of 3.0V to 5.5V
Low Skew
Guaranteed Skew Spec
Differential Design
VBB Output
75k
Ω Internal Pulldown Resistors
Direct Replacement for ON
Semiconductor MC100LVE111
DESCRIPTION
The AZ10/100LVE111 is a low skew 1-to-9 differential driver, designed with clock distribution in mind. The
IN signal is fanned-out to nine identical differential outputs.
The AZ100LVE111 provides a VBB output for single-ended use or a DC bias reference for AC coupling to the
device. For single–ended input applications, the VBB reference should be connected to one side of the IN/IN
¯¯
differential input pair. The input signal is then fed to the other IN/IN
¯¯ input. When used, the VBB pin should be
bypassed to ground via a 0.01
μF capacitor.
The device is specifically designed, modeled and produced with low skew as the key goal. Optimal design and
layout serve to minimize gate-to-gate skew within-device, and empirical modeling is used to determine process
control limits that ensure consistent tpd distributions from lot-to-lot. The net result is a dependable, guaranteed low
skew device.
To ensure that the tight skew specification is met, both sides of the differential output must be terminated into
50
Ω, even if only one side is used. In most applications all nine differential pairs will be used and therefore
terminated. In the case where fewer than nine pairs are used, it is necessary to terminate at least the output pairs on
the same package side (i.e. sharing the same VCCO) as the pair(s) being used on that side, in order to maintain
minimum skew. Failure to do this will result in small degradations of propagation delay (on the order of 10-20ps) of
the output(s) being used that, while not being catastrophic to most designs, will mean a loss of skew margin.
NOTE: Specifications in ECL/PECL tables are valid when thermal equilibrium is established.
PACKAGE AVAILABILITY
PACKAGE
PART NO.
MARKING
NOTES
PLCC 28
AZ10LVE111FN
AZ10
LVE111
<Date Code>
1,2
PLCC 28
AZ100LVE111FN
AZ100
LVE111
<Date Code>
1,2
PLCC 28 RoHS
Compliant / Lead
(Pb) Free
AZ100LVE111FN+
AZ100+
LVE111
<Date Code>
1,2
1
Add R2 at end of part number for 13 inch (750 parts) Tape & Reel.
2
Date code format: “YY” for year followed by “WW” for week.


Similar Part No. - AZ100LVE111

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVE111E AZM-AZ100LVE111E Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
AZ100LVE111EFN AZM-AZ100LVE111EFN Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
More results

Similar Description - AZ100LVE111

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
logo
Semtech Corporation
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/ PECL Clock Driver
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
64Kb / 8P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
NB100LVEP222 ONSEMI-NB100LVEP222_15 Datasheet
140Kb / 13P
   Differential ECL/PECL Clock Driver
April, 2015??Rev. 13
MC10E411 ONSEMI-MC10E411 Datasheet
127Kb / 6P
   1:9 DIFFERENTIAL ECL/PECL RAMBUS CLOCK BUFFER
1996 REV 1
logo
Arizona Microtek, Inc
AZ100LVE210 AZM-AZ100LVE210 Datasheet
71Kb / 5P
   ECL/PECL 1:4, 1:5 Differential Clock Driver
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
   Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com