Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JE861HDGL2R Datasheet(PDF) 1 Page - Hongfa Technology

Part # JE861HDGL2R
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

JE861HDGL2R Datasheet(HTML) 1 Page - Hongfa Technology

  JE861HDGL2R Datasheet HTML 1Page - Hongfa Technology JE861HDGL2R Datasheet HTML 2Page - Hongfa Technology JE861HDGL2R Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BX\P[5 5B? >;N; MBIQH ;<IP? ;L? CHCNC;F P;FO?Mi
;PL\]ZP[
*0/~}x 3|-x:
+40tkkl]+40j54lqtot ]+40lokkl ]0*4x4lskkl z|35+}+|{
mkkr 3?Pi mikk
}CF? /Iiu |lnoplr
}CF? /Iiu z2zkqklrklqrmk
{C?F?=NLC=
MNL?HANB
4BI=E L?MCMN;H=?
mpl
nh``
ph``
qh``
th``
lmh``
moh``
n
p
q
t
lm
mo
mio
oik
ois
rim
tiq
ltim
kin
kip
kiq
kit
lim
mio
nk R dl lkbe
sn R dl lkbe
lmk R dl lkbe
mrk R dl lkbe
osk R dl lkbe
ltmk R dl lkbe
nit
qip
ris
llir
lpiq
nlim
BX\P[5 0HFS MIG? NSJC=;F L;NCHAM ;L? FCMN?> ;<IP?i +@ GIL? >?N;CFM ;L?
L?KOCL?>g JF?;M? =IHN;=N OMi
sx mpk7xz
px nk7{z
ljq*1 mpk7xz
px mpk7xz
px nk7{z
ljlk*1 mpk7xz
px mpk7xz
px nk7{z
ljq*1 mpk7xz
sx mpk7xz
px nk7{z
px mpk7xz z04W wkio
px mpk7xz
px nk7{z
nx mpk7xz z04W wkio
H@+8HE
l}ILG x
lxfly
m}ILG x
l}ILG x
m}ILG x
lxfly
I9:
}CF? /Iiu okkltopm
?:4
mxg lx f ly
xA/C
nsk7xz j lmp7{z
px
lmpk7xjlpk8
l R lkr 014
l R lkp 014
zIHN;=N ;LL;HA?G?HN
zIHN;=N
L?MCMN;H=?
zIHN;=N G;N?LC;F
.;Ri MQCN=BCHA PIFN;A?
.;Ri MQCN=BCHA =OLL?HN
.;Ri MQCN=BCHA JIQ?L
.?=B;HC=;F ?H>OL;H=?
|F?=NLC=;F ?H>OL;H=?
FH7A>B>6GHE: >BG:EA:9>6G: DCJ:E E:@6K
8CBG68G 96G6
px mpk7xz
px nk7{z
zIHN;=N L;NCHA
d3?Mi FI;>e
/I AIF> JF;N?>upkG d;N lx q7{ze
~IF> JF;N?>unkG d;N lx q7{ze
lx
sx mpk7xz
px nk7{z
sx
mkkk7xjlpk8
+HMOF;NCIH L?MCMN;H=?
y?NQ??H =ICF c =IHN;=NM
y?NQ??H IJ?H =IHN;=NM
y?NQ??H =IHN;=N M?NM
0J?L;N? NCG? d;N HIGCi PIFNie
3?F?;M? NCG? d;N HIGCi PIFNie
4?N NCG? dF;N=BCHAe
3?M?N NCG? dF;N=BCHAe
}OH=NCIH;F
{?MNLO=NCP?
7C<L;NCIH L?MCMN;H=?
*OGC>CNS
xG<C?HN N?GJ?L;NOL?
5?LGCH;NCIH
6HCN Q?CABN
zIHMNLO=NCIH
lkkk. d;N pkk7{ze
nkkk7xz lGCH
lkkk7xz lGCH
mkkk7xz lGCH
lkGM G;RidxJJLIRipGMe
pGM G;RidxJJLIRinGMe
lkGM G;RidxJJLIRipGMe
lkGM G;RidxJJLIRioGMe
mkkGjMm dmkAe
lkkkGjMm dlkkAe
lk*T NI pp*T mikGG {x
pb NI spb 3*
hok NI rk
1zy
xJJLIRi oirA
8;MB NCABNg}FORJLII@?>
8=6E68G:E>FG>8F
4CHAF? MC>? MN;<F?
l =ICF F;N=BCHA
m =ICFM F;N=BCHA
nkkG8
lpkG8
nkkG8
zICF JIQ?L
8C>@
8C>@ 96G6
/IGCH;F
7IFN;A?
7{z
0L>?L
/OG<?L
1C=EhOJ
7IFN;A?
7{z
{LIJhION
7IFN;A?
7{z
.;Ri
xFFIQ;<F?
7IFN;A?
7{z rk
FTWRUP [TOP [\LMUP ,2//VJ-
zICF
3?MCMN;H=?
F6;:GK 6DDECI6@ E6G>B<F
;N mn
_ -;N=BCHA NSJ?M ;P;CF;<F?
_ *CAB M?HMCNCP?
_ *CAB MQCN=BCHA =;J;=CNS
lxu sx mpk7xzv mxg lxflyu px mpk7xz
_ l}ILG xgm}ILG x ;H> lxfly
=IHN;=N ;LL;HA?G?HN
_ |HPCLIHG?HN;F @LC?H>FS JLI>O=N d3I*4 =IGJFC;HNe
_ 0ONFCH? {CG?HMCIHMu dmkim R llik R lkioeGG


Similar Description - JE861HDGL2R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
JZC-33F ETC-JZC-33F Datasheet
51Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF43F HONGFA-HF43F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JE7 HONGFA-JE7 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com