Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ100EL16VONBG Datasheet(PDF) 11 Page - Arizona Microtek, Inc

Part # AZ100EL16VONBG
Description  ECL/PECL Oscillator Gain Stage and Buffer with Enable
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100EL16VONBG Datasheet(HTML) 11 Page - Arizona Microtek, Inc

Back Button AZ100EL16VONBG Datasheet HTML 7Page - Arizona Microtek, Inc AZ100EL16VONBG Datasheet HTML 8Page - Arizona Microtek, Inc AZ100EL16VONBG Datasheet HTML 9Page - Arizona Microtek, Inc AZ100EL16VONBG Datasheet HTML 10Page - Arizona Microtek, Inc AZ100EL16VONBG Datasheet HTML 11Page - Arizona Microtek, Inc AZ100EL16VONBG Datasheet HTML 12Page - Arizona Microtek, Inc AZ100EL16VONBG Datasheet HTML 13Page - Arizona Microtek, Inc AZ100EL16VONBG Datasheet HTML 14Page - Arizona Microtek, Inc AZ100EL16VONBG Datasheet HTML 15Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AZ10EL16VO
AZ100EL16VO
June 2007 * REV - 23
www.azmicrotek.com
11
4
3
2
1
D
8
5
6
7
Q
EN
VBB / D
VCC
QHG
QHG
VEE
TSSOP 8
SOIC 8
MLP 16 (L) Package and DIE:
10K/100K Selection
Connect pin/pad 10K to VEE to select
10K operation. Float (NC) pin/pad 10K
to select 100K operation. VEE
connection must be less than 1
Ω.
Pin 6 of the MLP 16 package may be
connected to pin 7 (VEE) with no effect
on the circuit.
D
Q
EN
VEE
QHG
QHG
VCC
4
3
2
1
58
7
6
10
9
12
11
VBB
Q
D
NC
13
14
15
16
NC
NC
NC
NC
10K
MLP 16,
3x3 mm
D
4
3
2
1
6
5
8
7
MLP 8, 2x2mm
QHG
QHG
EN
Q
VBB / D
VEE
VCC
TOP VIEW
MLP 8: Bottom Center Pad may be left open
or tied to VEE. Pin 4 is the VEE return.
MPL 16: Bottom Center Pad may be left
open or tied to VEE. Pin 7 is the VEE return.
4
3
2
1
D
8
5
6
7
Q
EN
D
VCC
QHG
QHG
VEE
TSSOP 10
9
10
VBB
Q
D
4
3
2
1
6
5
8
7
MLP 8, 2x2mm
QHG
QHG
EN
Q
VBB / D
VEE
VCC
TOP VIEW
AZ100EL16VONB
AZ100EL16VON
AZ10EL16VOD
AZ100EL16VOD
AZ10EL16VOT
AZ100EL16VOT
AZ10EL16VOU
AZ100EL16VOU
AZ10/100EL16VOL


Similar Part No. - AZ100EL16VONBG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ100EL16VONBG ETC2-AZ100EL16VONBG Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ100EL16VONBG AZM-AZ100EL16VONBG Datasheet
743Kb / 15P
   LVPECL Oscillator Gain Stage & Buffer with Enable
More results

Similar Description - AZ100EL16VONBG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
AZ100LVEL16VV AZM-AZ100LVEL16VV Datasheet
93Kb / 9P
   Dual Frequency ECL/PECL Oscillator Gain Stage & Buffer with Enable
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99 Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com