Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ100EL31 Datasheet(PDF) 2 Page - Arizona Microtek, Inc

Part # AZ100EL31
Description  ECL/PECL D Flip-Flop with Set and Reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100EL31 Datasheet(HTML) 2 Page - Arizona Microtek, Inc

  AZ100EL31 Datasheet HTML 1Page - Arizona Microtek, Inc AZ100EL31 Datasheet HTML 2Page - Arizona Microtek, Inc AZ100EL31 Datasheet HTML 3Page - Arizona Microtek, Inc AZ100EL31 Datasheet HTML 4Page - Arizona Microtek, Inc AZ100EL31 Datasheet HTML 5Page - Arizona Microtek, Inc AZ100EL31 Datasheet HTML 6Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AZ10EL31
AZ100EL31
November 2006 * REV - 3
www.azmicrotek.com
2
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol
Characteristic
Rating
Unit
VCC
PECL Power Supply
(VEE = 0V)
0 to +8.0
Vdc
VI
PECL Input Voltage
(VEE = 0V)
0 to +6.0
Vdc
VEE
ECL Power Supply
(VCC = 0V)
-8.0 to 0
Vdc
VI
ECL Input Voltage
(VCC = 0V)
-6.0 to 0
Vdc
IOUT
Output Current
--- Continuous
--- Surge
50
100
mA
TA
Operating Temperature Range
-40 to +85
°C
TSTG
Storage Temperature Range
-65 to +150
°C
10K ECL DC Characteristics (VEE = -4.75 to -5.5V, VCC = GND)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1
-1080
-890
-1020
-840
-980
-810
-910
-720
mV
VOL
Output LOW Voltage
1
-1950
-1650
-1950
-1630
-1950
-1630
-1950
-1595
mV
VIH
Input HIGH Voltage
-1230
-890
-1170
-840
-1130
-810
-1060
-720
mV
VIL
Input LOW Voltage
-1950
-1500
-1950
-1480
-1950
-1480
-1950
-1445
mV
IIH
Input HIGH Current
D, CLK
S, R
150
300
150
300
150
300
150
300
μA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
μA
IEE
Power Supply Current
27
32
27
32
27
32
27
32
mA
1.
Each output is terminated through a 50
Ω resistor to V
CC – 2V.
10K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1,2
3920
4110
3980
4160
4020
4190
4090
4280
mV
VOL
Output LOW Voltage
1,2
3050
3350
3050
3370
3050
3370
3050
3405
mV
VIH
Input HIGH Voltage
1
3770
4110
3830
4160
3870
4190
3940
4280
mV
VIL
Input LOW Voltage
1
3050
3500
3050
3520
3050
3520
3050
3555
mV
IIH
Input HIGH Current
D, CLK
S, R
150
300
150
300
150
300
150
300
μA
IIH
Input HIGH Current
150
150
150
150
μA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
μA
IEE
Power Supply Current
27
32
27
32
27
32
27
32
mA
1.
For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value.
2.
Each output is terminated through a 50
Ω resistor to V
CC – 2V.
100K ECL DC Characteristics (VEE = -4.2V to -5.5V, VCC = GND)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1
-1085
-1005
-880
-1025
-955
-880
-1025
-955
-880
-1025
-955
-880
mV
VOL
Output LOW Voltage
1
-1830
-1695
-1555
-1810
-1705
-1620
-1810
-1705
-1620
-1810
-1705
-1620
mV
VIH
Input HIGH Voltage
-1165
-880
-1165
-880
-1165
-880
-1165
-880
mV
VIL
Input LOW Voltage
-1810
-1475
-1810
-1475
-1810
-1475
-1810
-1475
mV
IIH
Input HIGH Current
D, CLK
S, R
150
300
150
300
150
300
150
300
μA
IIH
Input HIGH Current
150
150
150
150
μA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
μA
IEE
Power Supply Current
27
32
27
32
27
32
31
37
mA
1.
Each output is terminated through a 50
Ω resistor to V
CC – 2V.


Similar Part No. - AZ100EL31

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ100EL31 ETC-AZ100EL31 Datasheet
140Kb / 6P
   ECL/PECL D Flip-Flop with Set and Reset
AZ100EL31D ETC-AZ100EL31D Datasheet
140Kb / 6P
   ECL/PECL D Flip-Flop with Set and Reset
AZ100EL31DR1 ETC-AZ100EL31DR1 Datasheet
140Kb / 6P
   ECL/PECL D Flip-Flop with Set and Reset
AZ100EL31DR2 ETC-AZ100EL31DR2 Datasheet
140Kb / 6P
   ECL/PECL D Flip-Flop with Set and Reset
AZ100EL31T ETC-AZ100EL31T Datasheet
140Kb / 6P
   ECL/PECL D Flip-Flop with Set and Reset
More results

Similar Description - AZ100EL31

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ10EL31 ETC-AZ10EL31 Datasheet
140Kb / 6P
   ECL/PECL D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC100LVEL31 ONSEMI-MC100LVEL31_06 Datasheet
136Kb / 8P
   3.3V ECL D Flip-Flop with Set and Reset
December, 2006 ??Rev. 3
MC10EL31 ONSEMI-MC10EL31_06 Datasheet
146Kb / 9P
   5 V ECL D Flip-Flop With Set and Reset
December, 2006 ??Rev. 5
MC100LVEL31 ONSEMI-MC100LVEL31 Datasheet
59Kb / 4P
   D Flip-Flop With Set and Reset
1996 REV 0
MC10EL31 ONSEMI-MC10EL31 Datasheet
72Kb / 3P
   D Flip-Flop With Set and Reset
1995 REV 2
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31_06 Datasheet
51Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP31 ONSEMI-MC10EP31 Datasheet
72Kb / 8P
   D Flip Flop with Set and Reset
April, 2001 ??Rev. 5
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31 Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
SY10EP31V MICREL-SY10EP31V Datasheet
81Kb / 6P
   5V/3.3V, 3GHz PECL/LVPECL D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP31 ONSEMI-MC10EP31_16 Datasheet
182Kb / 11P
   ECL D Flip?륡lop with Set and Reset
August, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com