Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ10EL16T Datasheet(PDF) 2 Page - Arizona Microtek, Inc

Part # AZ10EL16T
Description  ECL/PECL Differential Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ10EL16T Datasheet(HTML) 2 Page - Arizona Microtek, Inc

  AZ10EL16T Datasheet HTML 1Page - Arizona Microtek, Inc AZ10EL16T Datasheet HTML 2Page - Arizona Microtek, Inc AZ10EL16T Datasheet HTML 3Page - Arizona Microtek, Inc AZ10EL16T Datasheet HTML 4Page - Arizona Microtek, Inc AZ10EL16T Datasheet HTML 5Page - Arizona Microtek, Inc AZ10EL16T Datasheet HTML 6Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AZ10EL16
AZ100EL16
May 2007 * REV - 3
www.azmicrotek.com
2
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol
Characteristic
Rating
Unit
VCC
PECL Power Supply
(VEE = 0V)
0 to +8.0
Vdc
VI
PECL Input Voltage
(VEE = 0V)
0 to +6.0
Vdc
VEE
ECL Power Supply
(VCC = 0V)
-8.0 to 0
Vdc
VI
ECL Input Voltage
(VCC = 0V)
-6.0 to 0
Vdc
IOUT
Output Current
--- Continuous
--- Surge
50
100
mA
TA
Operating Temperature Range
-40 to +85
°C
TSTG
Storage Temperature Range
-65 to +150
°C
10K ECL DC Characteristics (VEE = -4.75V to -5.5V, VCC = GND)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1
-1080
-890
-1020
-840
-980
-810
-910
-720
mV
VOL
Output LOW Voltage
1
-1950
-1650
-1950
-1630
-1950
-1630
-1950
-1595
mV
VIH
Input HIGH Voltage
-1230
-890
-1170
-840
-1130
-810
-1060
-720
mV
VIL
Input LOW Voltage
-1950
-1500
-1950
-1480
-1950
-1480
-1950
-1445
mV
VBB
Reference Voltage
-1430
-1300
-1380
-1270
-1350
-1250
-1310
-1190
mV
IIH
Input HIGH Current
150
150
150
150
μA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
μA
IEE
Power Supply Current
18
22
18
22
18
22
18
22
mA
1.
Each output is terminated through a 50
Ω resistor to V
CC – 2V.
10K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1,2
3920
4110
3980
4160
4020
4190
4090
4280
mV
VOL
Output LOW Voltage
1,2
3050
3350
3050
3370
3050
3370
3050
3405
mV
VIH
Input HIGH Voltage
1
3770
4110
3830
4160
3870
4190
3940
4280
mV
VIL
Input LOW Voltage
1
3050
3500
3050
3520
3050
3520
3050
3555
mV
VBB
Reference Voltage
1
3570
3700
3620
3730
3650
3750
3690
3810
mV
IIH
Input HIGH Current
150
150
150
150
μA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
μA
IEE
Power Supply Current
18
22
18
22
18
22
18
22
mA
1.
For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value.
2.
Each output is terminated through a 50
Ω resistor to V
CC – 2V.
100K ECL DC Characteristics (VEE = -4.2V to -5.5V, VCC = GND)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1
-1085
-1005
-880
-1025
-955
-880
-1025
-955
-880
-1025
-955
-880
mV
VOL
Output LOW Voltage
1
-1830
-1695
-1555
-1810
-1705
-1620
-1810
-1705
-1620
-1810
-1705
-1620
mV
VIH
Input HIGH Voltage
-1165
-880
-1165
-880
-1165
-880
-1165
-880
mV
VIL
Input LOW Voltage
-1810
-1475
-1810
-1475
-1810
-1475
-1810
-1475
mV
VBB
Reference Voltage
-1380
-1260
-1380
-1260
-1380
-1260
-1380
-1260
mV
IIH
Input HIGH Current
150
150
150
150
μA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
μA
IEE
Power Supply Current
18
22
18
22
18
22
21
26
mA
1.
Each output is terminated through a 50
Ω resistor to V
CC – 2V.


Similar Part No. - AZ10EL16T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
List of Unclassifed Man...
AZ10EL16VOD ETC2-AZ10EL16VOD Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ10EL16VOD AZM-AZ10EL16VOD Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
List of Unclassifed Man...
AZ10EL16VOT ETC2-AZ10EL16VOT Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
More results

Similar Description - AZ10EL16T

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
69Kb / 6P
   ECL/PECL Differential Receiver
AZ100LVEL16 AZM-AZ100LVEL16_12 Datasheet
456Kb / 7P
   PECL/ECL Differential Receiver
logo
List of Unclassifed Man...
AZ10LVEL16 ETC1-AZ10LVEL16 Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
logo
Arizona Microtek, Inc
AZ10EP16 AZM-AZ10EP16 Datasheet
80Kb / 6P
   ECL/PECL Differential Receiver
AZ10LVEL16 AZM-AZ10LVEL16 Datasheet
82Kb / 7P
   ECL/PECL Differential Receiver
AZP96 AZM-AZP96_09 Datasheet
154Kb / 7P
   ECL/PECL Differential Receiver
AZP96 AZM-AZP96_12 Datasheet
410Kb / 6P
   PECL/ECL Differential Receiver
AZ10E116 AZM-AZ10E116 Datasheet
79Kb / 5P
   ECL/PECL Quint Differential Line Receiver
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
Maxim Integrated Produc...
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
   Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com