Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95128-RDW6TP Datasheet(PDF) 1 Page - STMicroelectronics

Part # M95128-RDW6TP
Description  128 Kbit Serial SPI bus EEPROM with high speed clock
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-RDW6TP Datasheet(HTML) 1 Page - STMicroelectronics

  M95128-RDW6TP Datasheet HTML 1Page - STMicroelectronics M95128-RDW6TP Datasheet HTML 2Page - STMicroelectronics M95128-RDW6TP Datasheet HTML 3Page - STMicroelectronics M95128-RDW6TP Datasheet HTML 4Page - STMicroelectronics M95128-RDW6TP Datasheet HTML 5Page - STMicroelectronics M95128-RDW6TP Datasheet HTML 6Page - STMicroelectronics M95128-RDW6TP Datasheet HTML 7Page - STMicroelectronics M95128-RDW6TP Datasheet HTML 8Page - STMicroelectronics M95128-RDW6TP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
June 2006
Rev 7
1/41
1
M95128
M95128-W M95128-R
128 Kbit Serial SPI bus EEPROM
with high speed clock
Feature summary
Compatible with SPI Bus Serial Interface
(Positive Clock SPI Modes)
Single Supply Voltage:
– 4.5 to 5.5V for M95128
– 2.5 to 5.5V for M95128-W
– 1.8 to 5.5V for M95128-R
High Speed
– 5MHz Clock Rate, 5ms Write Time
Status Register
Hardware Protection of the Status Register
BYTE and PAGE WRITE (up to 64 Bytes)
Self-Timed Programming Cycle
Adjustable Size Read-Only EEPROM Area
Enhanced ESD Protection
More than 100,000 Write Cycles
More than 40-Year Data Retention
Packages
– ECOPACK® (RoHS compliant)
SO8 (MN)
150 mil width
TSSOP8 (DW)
169 mil width
www.st.com


Similar Part No. - M95128-RDW6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95128-RDW6TP STMICROELECTRONICS-M95128-RDW6TP Datasheet
580Kb / 39P
   256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
October 2004
M95128-RDW6TP/A STMICROELECTRONICS-M95128-RDW6TP/A Datasheet
392Kb / 44P
   128 Kbit serial SPI bus EEPROM with high speed clock
M95128-RDW6TP/P STMICROELECTRONICS-M95128-RDW6TP/P Datasheet
392Kb / 44P
   128 Kbit serial SPI bus EEPROM with high speed clock
M95128-RDW6TP/P STMICROELECTRONICS-M95128-RDW6TP/P Datasheet
389Kb / 44P
   128 Kbit serial SPI bus EEPROM with high speed clock
M95128-RDW6TP/PC STMICROELECTRONICS-M95128-RDW6TP/PC Datasheet
389Kb / 44P
   128 Kbit serial SPI bus EEPROM with high speed clock
More results

Similar Description - M95128-RDW6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95128 STMICROELECTRONICS-M95128_07 Datasheet
392Kb / 44P
   128 Kbit serial SPI bus EEPROM with high speed clock
M95128-W STMICROELECTRONICS-M95128-W Datasheet
609Kb / 48P
   128-Kbit serial SPI bus EEPROM with high-speed clock
Rev 20 - October 2020
M95128-RMB6TG STMICROELECTRONICS-M95128-RMB6TG Datasheet
681Kb / 49P
   128-Kbit serial SPI bus EEPROM with high-speed clock
M95128 STMICROELECTRONICS-M95128_10 Datasheet
389Kb / 44P
   128 Kbit serial SPI bus EEPROM with high speed clock
M95320-W STMICROELECTRONICS-M95320-W Datasheet
412Kb / 48P
   32-Kbit serial SPI bus EEPROM with high-speed clock
M95256-DR STMICROELECTRONICS-M95256-DR Datasheet
504Kb / 48P
   256 Kbit serial SPI bus EEPROM with high-speed clock
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
   256 Kbit Serial SPI bus EEPROM with high speed clock
M95512-DR STMICROELECTRONICS-M95512-DR Datasheet
483Kb / 48P
   512 Kbit serial SPI bus EEPROM with high-speed clock
M95160-WMN6TP STMICROELECTRONICS-M95160-WMN6TP Datasheet
827Kb / 47P
   16-Kbit serial SPI bus EEPROM with high-speed clock
M95256-W STMICROELECTRONICS-M95256-W Datasheet
607Kb / 51P
   256-Kbit serial SPI bus EEPROM with high-speed clock
Rev 22 - September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com